Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX-TC2407 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # NX-TC2407
Description  machine controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NX-TC2407 Datasheet(HTML) 2 Page - Omron Electronics LLC

  NX-TC2407 Datasheet HTML 1Page - Omron Electronics LLC NX-TC2407 Datasheet HTML 2Page - Omron Electronics LLC NX-TC2407 Datasheet HTML 3Page - Omron Electronics LLC NX-TC2407 Datasheet HTML 4Page - Omron Electronics LLC NX-TC2407 Datasheet HTML 5Page - Omron Electronics LLC NX-TC2407 Datasheet HTML 6Page - Omron Electronics LLC NX-TC2407 Datasheet HTML 7Page - Omron Electronics LLC NX-TC2407 Datasheet HTML 8Page - Omron Electronics LLC NX-TC2407 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
52
Machine automation controller
General specifications
Electrical and mechanical specifications
Specifications
Item
NX1P2-
@ CPU Unit
Enclosure
Mounted in a panel
Grounding
Less than 100
Ω
Operation environment
Ambient operating temperature 0 to 55°C
Ambient operating humidity
10% to 95% (with non condensation)
Atmosphere
Must be free from corrosive gases
Ambient storage temperature
–25 to 70°C (excluding battery)
Altitude
2,000 m or less
Pollution degree
2 or less: Conforms to JIS B3502 and IEC 61131-2.
Noise immunity
2 kV on power supply line (conforms to IEC 61000-4-4.)
Overvoltage category
Category II: Conforms to JIS B3502 and IEC 61131-2
EMC immunity level
Zone B
Vibration resistance
Conforms to IEC 60068-2-6
5 to 8.4 Hz with 3.5 mm amplitude, 8.4 to 150 Hz.
Acceleration of 9.8 m/s2 for 100 min in X, Y and Z directions (10 sweeps of 10 min each = 100 min total)
Shock resistance
Conforms to IEC 60068-2-27
147 m/s2, 3 times in X, Y and Z directions
Battery
Life
5 years at 25°C
Model
CJ1W-BAT01 (sold separately)
Applicable standards
EU Directives
EN 61131-2
cULus
Listed UL 61010-2-201 and ANSI/ISA 12.12.01
Others
KC
Item
NX1P2-@@40DT@
NX1P2-@@24DT@
CPU unit dimensions (H × D × W)
100 mm × 71 mm × 154 mm
100 mm × 71 mm × 130 mm
Weight
660 g (including end cover)
590 g (including end cover)
CPU unit power
supply
Power supply voltage
24 VDC (20.4 to 28.8 VDC)
Unit power consumption
NX1P2-
@@40DT: 7.05 W
NX1P2-
@@40DT1: 6.85 W
NX1P2-
@@24DT: 6.70 W
NX1P2-
@@24DT1: 6.40 W
Inrush current*1
*1.
The inrush current may vary depending on the operating conditions and other conditions. Therefore, select fuses, breakers and external power supply devices that
have enough margin in characteristic and capacity, considering the condition under which the devices are used.
For cold start at room temperature: 10 A max./0.1 ms max. and 2.5 A max./150 ms max.
Current capacity of power supply
terminal*2
*2.
The amount of current that can be passed constantly through the terminal. Do not exceed this current value when you use a through-wiring for the unit power sup-
ply.
4 A max.
Isolation method
No isolation between the unit power supply terminal and internal circuit
NX unit power supply Capacity
10 W max.
Efficiency
80%
Isolation method
No isolation between the unit power supply terminal and NX unit power supply
I/O power supply to NX units
Not provided*3
*3.
When the type of the I/O power supply to NX units you use is the supply from NX bus, an additional I/O power supply unit is required. The maximum I/O power
supply current from an additional I/O power supply unit is 4 A.
External connection
terminals
Communications connector
RJ45 for EtherNet/IP communications x 1
RJ45 for EtherCAT communications x 1
Screwless push-in terminal block
For unit power supply input, grounding and input signal x 1 (removable)
For output signal x 1 (removable)
Output terminal (service supply)
Not provided
Run output terminal
Not provided
NX bus connector
8 NX I/O units can be connected
No. of option board slots
21


Similar Part No. - NX-TC2407

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
NX-09T-CV HIROSE-NX-09T-CV Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-F3 HIROSE-NX-09T-F3 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-F9 HIROSE-NX-09T-F9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-KT3 HIROSE-NX-09T-KT3 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-KT9 HIROSE-NX-09T-KT9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
More results

Similar Description - NX-TC2407

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS3021 TTELEC-DS3021 Datasheet
318Kb / 2P
   Temperature & Small Machine Controller
logo
Laird Tech Smart Techno...
HEPTABAND LSTD-HEPTABAND Datasheet
331Kb / 1P
   Machine to machine
logo
Balluff Korea Ltd.
BAE00Y5 BALLUFF-BAE00Y5 Datasheet
117Kb / 2P
   Machine Lights
0.44_2021-04-08
BAE00ZM BALLUFF-BAE00ZM Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BAE00ZP BALLUFF-BAE00ZP Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BVS001H BALLUFF-BVS001H Datasheet
179Kb / 3P
   Machine Vision
0.52_2021-04-13
BVS001J BALLUFF-BVS001J Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS001P BALLUFF-BVS001P Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS0014 BALLUFF-BVS0014 Datasheet
144Kb / 3P
   Machine Vision
0.47_2021-04-13
BAE00W9 BALLUFF-BAE00W9 Datasheet
117Kb / 2P
   Machine Lights
0.35_2021-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com