Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX-TC2407 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # NX-TC2407
Description  machine controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NX-TC2407 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button NX-TC2407 Datasheet HTML 11Page - Omron Electronics LLC NX-TC2407 Datasheet HTML 12Page - Omron Electronics LLC NX-TC2407 Datasheet HTML 13Page - Omron Electronics LLC NX-TC2407 Datasheet HTML 14Page - Omron Electronics LLC NX-TC2407 Datasheet HTML 15Page - Omron Electronics LLC NX-TC2407 Datasheet HTML 16Page - Omron Electronics LLC NX-TC2407 Datasheet HTML 17Page - Omron Electronics LLC NX-TC2407 Datasheet HTML 18Page - Omron Electronics LLC NX-TC2407 Datasheet HTML 19Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
66
Machine automation controller
RFID units
Digital I/O units
Analog I/O units
Type
No. of channels
Amplifier/Antenna
I/O refresh mode
Connection type
Width
Model
RFID unit
1
V680 series
Free Run
FG terminal block
30 mm NX-V680C1
2
NX-V680C2
Type
Channels, signal type
Performance*1, I/O refresh method
*1. Digital I/O performance, ON/OFF delay:
High speed PNP/NPN input: 100 ns/100 ns
Standard PNP/NPN input: 0.02 ms/0.4 ms
AC input: 10 ms/40 ms
High speed PNP/NPN output: 300 ns/300 ns
Standard PNP output: 0.5 ms/1.0 ms
Standard NPN output: 0.1 ms/0.8 ms
Relay output: 15 ms/15 ms
Connection type*2
*2.
Units with Screwless push-in connections are supplied with the appropriate terminal connector. Units with MIL connectors are supplied without matching plugs.
Width
Model
NPN type*3
*3.
Model codes are for PNP type signals (positive switching, 0 V common). Most models are also available as NPN type (negative switching, 24 V common). Inputs of
MIL connector versions can be used as NPN or PNP.
DC digital input
4 inputs, 3-wire connection
High-speed synchronous time stamp Screwless push-in (NX-TBA122) 12 mm NX-ID3444
NX-ID3344
High-speed synchronous/free run
Screwless push-in (NX-TBA122) 12 mm NX-ID3443
NX-ID3343
Synchronous/free run
Screwless push-in (NX-TBA122) 12 mm NX-ID3417
NX-ID3317
8 inputs, 2-wire connection
Screwless push-in (NX-TBA162) 12 mm NX-ID4442
NX-ID4342
16 inputs, 1-wire connection
Screwless push-in (NX-TBA162) 12 mm NX-ID5442
NX-ID5342
M3 screw terminal block
30 mm NX-ID5142-1
NX-ID5142-1
1 x 20-pin MIL connector
30 mm NX-ID5142-5
NX-ID5142-5
32 inputs, 1-wire connection
1 x 40-pin MIL connector
30 mm NX-ID6142-5
NX-ID6142-5
1 x 40-pin Fujitsu connector
30 mm NX-ID6142-6
NX-ID6142-6
AC digital input
4 inputs, 200-240 VAC, 50/60 Hz
Free run
Screwless push-in (NX-TBA082) 12 mm NX-IA3117
-
DC digital
output
2 outputs 0.5 A, 3-wire connection
High-speed synchronous time stamp Screwless push-in (NX-TBA082) 12 mm NX-OD2258
NX-OD2154
4 outputs 0.5 A, 3-wire connection
High-speed synchronous/free run
Screwless push-in (NX-TBA122) 12 mm NX-OD3257
NX-OD3153
Synchronous/free run
Screwless push-in (NX-TBA122) 12 mm NX-OD3256
NX-OD3121
4 outputs 2 A, 3-wire connection
Screwless push-in (NX-TBA162) 12 mm NX-OD3268
-
8 outputs 0.5 A, 2-wire connection
Screwless push-in (NX-TBA162) 12 mm NX-OD4256
NX-OD4121
16 outputs 0.5 A, 1-wire connection
Screwless push-in (NX-TBA162) 12 mm NX-OD5256
NX-OD5121
M3 screw terminal block
30 mm NX-OD5256-1 NX-OD5121-1
1 x 20-pin MIL connector
30 mm NX-OD5256-5 NX-OD5121-5
32 outputs 0.5 A, 1-wire connection
1 x 40-pin MIL connector
30 mm NX-OD6256-5 NX-OD6121-5
1 x 40-pin Fujitsu connector
30 mm -
NX-OD6121-6
Relay digital
output
2 outputs, N.O., 2.0 A
Free run
Screwless push-in (NX-TBA082) 12 mm NX-OC2633
-
2 outputs, N.O. + N.C., 2.0 A
Screwless push-in (NX-TBA082) 12 mm NX-OC2733
-
8 outputs, N.O., 2.0 A
Screwless push-in
(NX-TBA082 x 2)
24 mm NX-OC4633
-
DC Digital I/O
16 inputs + 16 outputs, 1-wire
connection + common
Synchronous/free run
2 x 20-pin MIL connector
30 mm NX-MD6256-5 NX-MD6121-5
2 x 24-pin Fujitsu connector
30 mm -
NX-MD6121-6
Type
Signal type
Performance, I/O refresh method
Channels Connection type*1
Width
Model
Analog input
4 to 20 mA
single ended
1/8,000 resolution, 250
μs/channel
Free run
2
Screwless push-in (NX-TBA082) 12 mm NX-AD2203
4
Screwless push-in (NX-TBA122) 12 mm NX-AD3203
8
Screwless push-in (NX-TBA162) 12 mm NX-AD4203
4 to 20 mA
differential
1/8,000 resolution, 250
μs/channel
Free run
2
Screwless push-in (NX-TBA082) 12 mm NX-AD2204
4
Screwless push-in (NX-TBA122) 12 mm NX-AD3204
8
Screwless push-in (NX-TBA162) 12 mm NX-AD4204
1/30,000 resolution, 10
μs/channel
Synchronous/free run
2
Screwless push-in (NX-TBA082) 12 mm NX-AD2208
4
Screwless push-in (NX-TBA122) 12 mm NX-AD3208
8
Screwless push-in (NX-TBA162) 12 mm NX-AD4208
±10 V
single ended
1/8,000 resolution, 250
μs/channel
Free run
2
Screwless push-in (NX-TBA082) 12 mm NX-AD2603
4
Screwless push-in (NX-TBA122) 12 mm NX-AD3603
8
Screwless push-in (NX-TBA162) 12 mm NX-AD4603
±10 V
differential
1/8,000 resolution, 250
μs/channel
Free run
2
Screwless push-in (NX-TBA082) 12 mm NX-AD2604
4
Screwless push-in (NX-TBA122) 12 mm NX-AD3604
8
Screwless push-in (NX-TBA162) 12 mm NX-AD4604
1/30,000 resolution, 10
μs/channel
Synchronous/free run
2
Screwless push-in (NX-TBA082) 12 mm NX-AD2608
4
Screwless push-in (NX-TBA122) 12 mm NX-AD3608
8
Screwless push-in (NX-TBA162) 12 mm NX-AD4608
High-Speed
Analog Input
–10 to 10 V,
–5 to 5 V, 0 to 10 V,
0 to 5 V, 1 to 5 V,
0 to 20 mA, 4 to 20 mA
differential
–10 to 10 V or –5 to 5 V: 1/64000
Other input range: 1/32000
5 µs/channel
Synchronous
4 (NPN)
Screwless push-in
(NX-TBA162 + NX-TBB162)
24 mm NX-HAD401
4 (PNP)
NX-HAD402


Similar Part No. - NX-TC2407

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
NX-09T-CV HIROSE-NX-09T-CV Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-F3 HIROSE-NX-09T-F3 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-F9 HIROSE-NX-09T-F9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-KT3 HIROSE-NX-09T-KT3 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-KT9 HIROSE-NX-09T-KT9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
More results

Similar Description - NX-TC2407

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS3021 TTELEC-DS3021 Datasheet
318Kb / 2P
   Temperature & Small Machine Controller
logo
Laird Tech Smart Techno...
HEPTABAND LSTD-HEPTABAND Datasheet
331Kb / 1P
   Machine to machine
logo
Balluff Korea Ltd.
BAE00Y5 BALLUFF-BAE00Y5 Datasheet
117Kb / 2P
   Machine Lights
0.44_2021-04-08
BAE00ZM BALLUFF-BAE00ZM Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BAE00ZP BALLUFF-BAE00ZP Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BVS001H BALLUFF-BVS001H Datasheet
179Kb / 3P
   Machine Vision
0.52_2021-04-13
BVS001J BALLUFF-BVS001J Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS001P BALLUFF-BVS001P Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS0014 BALLUFF-BVS0014 Datasheet
144Kb / 3P
   Machine Vision
0.47_2021-04-13
BAE00W9 BALLUFF-BAE00W9 Datasheet
117Kb / 2P
   Machine Lights
0.35_2021-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com