Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX-TC2406 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # NX-TC2406
Description  machine controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NX-TC2406 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button NX-TC2406 Datasheet HTML 11Page - Omron Electronics LLC NX-TC2406 Datasheet HTML 12Page - Omron Electronics LLC NX-TC2406 Datasheet HTML 13Page - Omron Electronics LLC NX-TC2406 Datasheet HTML 14Page - Omron Electronics LLC NX-TC2406 Datasheet HTML 15Page - Omron Electronics LLC NX-TC2406 Datasheet HTML 16Page - Omron Electronics LLC NX-TC2406 Datasheet HTML 17Page - Omron Electronics LLC NX-TC2406 Datasheet HTML 18Page - Omron Electronics LLC NX-TC2406 Datasheet HTML 19Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
NX1P series machine controller
67
Temperature control units
Temperature input units
Load cell input unit
Heater burnout detection units
Analog output
4 to 20 mA
1/8,000 resolution, 250
μs/channel
Free run
2
Screwless push-in (NX-TBA082) 12 mm NX-DA2203
4
Screwless push-in (NX-TBA122) 12 mm NX-DA3203
1/30,000 resolution, 10
μs/channel
Synchronous/free run
2
Screwless push-in (NX-TBA082) 12 mm NX-DA2205
4
Screwless push-in (NX-TBA122) 12 mm NX-DA3205
±10 V
1/8,000 resolution, 250
μs/channel
Free run
2
Screwless push-in (NX-TBA082) 12 mm NX-DA2603
4
Screwless push-in (NX-TBA122) 12 mm NX-DA3603
1/30,000 resolution, 10
μs/channel
Synchronous/free run
2
Screwless push-in (NX-TBA082) 12 mm NX-DA2605
4
Screwless push-in (NX-TBA122) 12 mm NX-DA3605
*1.
Units with Screwless push-in connections are supplied with the appropriate terminal connector.
Type
Conver-
sion time,
I/O Re-
fresh
Mode
Chan-
nels
Input type
Output type
Output
capacity
CT Input
capacity
Control
type
Connection type
Width
Model
Temperature
control
50 ms
Free run
2
Multi-input
(Thermo-
couple and
Resistance
thermometer)
Voltage out-
put (for driving
SSR)
2 points
2 points
Standard
Screwless push-in
(NX-TBA162)
12 mm NX-TC2405
NX-TC2406
4 points
Heating
and
Cooling
NX-TC2407
Linear current
output
2 points
Standard
NX-TC2408
4
Voltage out-
put (for driving
SSR)
4 points
4 points
Standard
Screwless push-in
(NX-TBA162 + NX-
TBB162)
24 mm NX-TC3405
NX-TC3406
8 points
Heating
and
Cooling
NX-TC3407
Linear current
output
4 points
Standard
NX-TC3408
Type
Signal type
Performance, I/O refresh method
Channels Connection type*1
*1.
Units with Screwless push-in connections are supplied with the appropriate terminal connector.
Width
Model
Temperature
sensor input
Thermocouple type
B/E/J/K/L/N/R/S/T/U/
WRe5-26/PLII
0.1°C resolution, 200 ms/unit
Free run
2
Screwless push-in terminal
block(s), with cold junction sen-
sor, calibrated individually at the
factory
12 mm NX-TS2101
4
24 mm NX-TS3101
0.01°C resolution, 10 ms/unit
Free run
2
12 mm NX-TS2102
4
24 mm NX-TS3102
0.001°C resolution, 60 ms/unit
Free run
2
12 mm NX-TS2104
4
24 mm NX-TS3104
RTD type
Pt100 (3wire)/Pt1000/
Ni508.4
0.1°C resolution, 200 ms/unit
Free run
2
Screwless push-in (NX-TBA162) 12 mm NX-TS2201
4
Screwless push-in (NX-TBA162
+ NX-TBB162)
24 mm NX-TS3201
0.01°C resolution, 10 ms/unit
Free run
2
Screwless push-in (NX-TBA162) 12 mm NX-TS2202
4
Screwless push-in (NX-TBA162
+ NX-TBB162)
24 mm NX-TS3202
0.001°C resolution, 60 ms/unit
Free run
2
Screwless push-in (NX-TBA162) 12 mm NX-TS2204
4
Screwless push-in (NX-TBA162
+ NX-TBB162)
24 mm NX-TS3204
Type
Specifications
I/O refresh method
Excitation voltage/Input
range
Connection type*1
*1.
Units with Screwless push-in connections are supplied with the appropriate terminal connector.
Width
Model
Load cell input
1 load cell input, 125
μs
conversion cycle
Synchronous/free run 5 VDC ±10%/-5 to 5 mV/V Screwless push-in (NX-TBC162) 12 mm NX-RS1201
Type
Channels, signal type
Control output
I/O refresh method
Connection type*1
*1.
Units with Screwless push-in connections are supplied with the appropriate terminal connector.
Width
Model
Heater burnout
detection
4 CT inputs
4 control outputs
NPN, 12 to 24 VDC
0.1 A/point, 0.4 A/unit
Free run
Screwless push-in (NX-TBA162) 12 mm NX-HB3101
PNP, 24 VDC
0.1 A/point, 0.4 A/unit
Screwless push-in (NX-TBA162) 12 mm NX-HB3201
Type
Signal type
Performance, I/O refresh method
Channels Connection type*1
Width
Model


Similar Part No. - NX-TC2406

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
NX-09T-CV HIROSE-NX-09T-CV Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-F3 HIROSE-NX-09T-F3 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-F9 HIROSE-NX-09T-F9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-KT3 HIROSE-NX-09T-KT3 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-KT9 HIROSE-NX-09T-KT9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
More results

Similar Description - NX-TC2406

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS3021 TTELEC-DS3021 Datasheet
318Kb / 2P
   Temperature & Small Machine Controller
logo
Laird Tech Smart Techno...
HEPTABAND LSTD-HEPTABAND Datasheet
331Kb / 1P
   Machine to machine
logo
Balluff Korea Ltd.
BAE00Y5 BALLUFF-BAE00Y5 Datasheet
117Kb / 2P
   Machine Lights
0.44_2021-04-08
BAE00ZM BALLUFF-BAE00ZM Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BAE00ZP BALLUFF-BAE00ZP Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BVS001H BALLUFF-BVS001H Datasheet
179Kb / 3P
   Machine Vision
0.52_2021-04-13
BVS001J BALLUFF-BVS001J Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS001P BALLUFF-BVS001P Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS0014 BALLUFF-BVS0014 Datasheet
144Kb / 3P
   Machine Vision
0.47_2021-04-13
BAE00W9 BALLUFF-BAE00W9 Datasheet
117Kb / 2P
   Machine Lights
0.35_2021-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com