Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX-TC2405 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # NX-TC2405
Description  machine controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NX-TC2405 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button NX-TC2405 Datasheet HTML 8Page - Omron Electronics LLC NX-TC2405 Datasheet HTML 9Page - Omron Electronics LLC NX-TC2405 Datasheet HTML 10Page - Omron Electronics LLC NX-TC2405 Datasheet HTML 11Page - Omron Electronics LLC NX-TC2405 Datasheet HTML 12Page - Omron Electronics LLC NX-TC2405 Datasheet HTML 13Page - Omron Electronics LLC NX-TC2405 Datasheet HTML 14Page - Omron Electronics LLC NX-TC2405 Datasheet HTML 15Page - Omron Electronics LLC NX-TC2405 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
62
Machine automation controller
Output specifications
Item
NX1P2-
@@@@DT
NX1P2-
@@@@DT1
Internal I/O common
NPN (sinking)
PNP (sourcing)
Maximum switching capacity
12 to 24 VDC (10.2 to 28.8 VDC), 300 mA per point
24 VDC (15 to 28.8 VDC), 300 mA per point
NX1P2-
@@40DT@: 1.8 A/common (3.6 A/unit)
NX1P2-
@@24DT@: 2.4 A/common (2.4 A/unit)
Minimum switching capacity
12 to 24 VDC (10.2 to 28.8 VDC), 1 mA
24 VDC (15 to 28.8 VDC), 1 mA
Leakage current
0.1 mA max.
Residual voltage
1.5 V max.
ON response time
0.1 ms max.
0.5 ms max.
OFF response time
0.8 ms max.
1.0 ms max.
Current consumption from I/O
power supply*1
*1.
The internally consumed current from I/O power supply. The current flows from the common terminal Cn (+V) to the 0Vn terminal. The current consumption of any
external load is excluded.
-NX1P2-1
@40DT1: 40 mA/common
NX1P2-9024DT1: 50 mA/common
Load short-circuit protection
Not provided
Provided*2
*2.
The load short-circuit protection is provided for each point of the PNP (sourcing) type output terminal. It protects the output circuits when a load short circuit
occurs.
Circuit configuration
NX1P2-
@@40DT
NX1P2-
@@40DT1
NX1P2-
@@24DT
NX1P2-
@@24DT1
Output indicator
08
07
L
L
C1 (0V)
C0 (0V)
15
00
L
L
OUT
Internal
circuits
Output indicator
L
08
15
L
L
L
C1 (+V)
0V1
C0 (+V)
07
00
0V0
OUT
Internal
circuits
Output indicator
L
09
00
C0 (0V)
L
OUT
Internal
circuits
Output indicator
C0 (+V)
L
L
09
00
0V0
OUT
Internal
circuits


Similar Part No. - NX-TC2405

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
NX-09T-CV HIROSE-NX-09T-CV Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-F3 HIROSE-NX-09T-F3 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-F9 HIROSE-NX-09T-F9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-KT3 HIROSE-NX-09T-KT3 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-KT9 HIROSE-NX-09T-KT9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
More results

Similar Description - NX-TC2405

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS3021 TTELEC-DS3021 Datasheet
318Kb / 2P
   Temperature & Small Machine Controller
logo
Laird Tech Smart Techno...
HEPTABAND LSTD-HEPTABAND Datasheet
331Kb / 1P
   Machine to machine
logo
Balluff Korea Ltd.
BAE00Y5 BALLUFF-BAE00Y5 Datasheet
117Kb / 2P
   Machine Lights
0.44_2021-04-08
BAE00ZM BALLUFF-BAE00ZM Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BAE00ZP BALLUFF-BAE00ZP Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BVS001H BALLUFF-BVS001H Datasheet
179Kb / 3P
   Machine Vision
0.52_2021-04-13
BVS001J BALLUFF-BVS001J Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS001P BALLUFF-BVS001P Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS0014 BALLUFF-BVS0014 Datasheet
144Kb / 3P
   Machine Vision
0.47_2021-04-13
BAE00W9 BALLUFF-BAE00W9 Datasheet
117Kb / 2P
   Machine Lights
0.35_2021-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com