Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7805ALP Datasheet(PDF) 5 Page - Maxwell Technologies

Part No. 7805ALP
Description  16-Bit Latchup Protected ADC
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXWELL [Maxwell Technologies]
Homepage  http://www.maxwell.com
Logo 

7805ALP Datasheet(HTML) 5 Page - Maxwell Technologies

 
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected ADC
7805ALP
01.10.05 Rev 9
TABLE 8. 7805ALP SAMPLING DYNAMICS
(V
S = 5V, TA = -40 TO +85
°C UNLESS OTHERWISE SPECIFIED)
PARAMETER
TEST CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNIT
Aperture Delay
9, 10, 11
--
40
--
nS
Transient Response
FS Step
9, 10, 11
--
2
--
µ S
Overvoltage Recovery 1
1. Recovers to specified performance after 2 x f
S input overvoltage.
9, 10, 11
--
150
--
nS
TABLE 9. 7805ALP REFERENCE
TABLE 10. (V
S = 5V, TA = -40 TO +85
°C UNLESS OTHERWISE SPECIFIED)
PARAMETER
SUBGROUPS
MIN
TYP
MAX
UNIT
Internal Reference Voltage
1, 2, 3
2.48
2.5
2.52
V
Internal Reference Source Current (Must use external buffer)
1, 2, 3
--
1
--
µ A
Internal Reference Drift
1, 2, 3
--
8
--
ppm/°C
External Reference Voltage Range for Specified Linearity 1
1. Tested by application of signal.
1, 2, 3
--
2.5
--
V
External Reference Current Drain 2
2. Guaranteed by design
--
--
--
100
µ A
TABLE 11. 7805ALP DIGITAL OUTPUTS
(V
S = 5V, TA = -40 TO +85
°C UNLESS OTHERWISE SPECIFIED)
PARAMETER
TEST CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNIT
Data Formatting
(Parallel 16-bits Binary Two’s Complement)
Data Coding
Binary Two’s Complement
V
OL
(I
SINK = 1.6mA) 4.0
1, 2, 3
--
--
0.4
V
V
OH
(I
SOURCE = -400 µ A)
1, 2, 3
4.0
--
--
V
Leakage Current
High-Z State, V
OUT = 0V
to V
S
1, 2, 3
--
--
±5
µ A
Output Capacitance1
1. Guarenteed by design
High-Z State
--
--
10
--
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn