Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7025E Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 7025E
Description  (8K x 16-Bit) Dual Port RAM High-Speed CMOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7025E Datasheet(HTML) 1 Page - Maxwell Technologies

  7025E Datasheet HTML 1Page - Maxwell Technologies 7025E Datasheet HTML 2Page - Maxwell Technologies 7025E Datasheet HTML 3Page - Maxwell Technologies 7025E Datasheet HTML 4Page - Maxwell Technologies 7025E Datasheet HTML 5Page - Maxwell Technologies 7025E Datasheet HTML 6Page - Maxwell Technologies 7025E Datasheet HTML 7Page - Maxwell Technologies 7025E Datasheet HTML 8Page - Maxwell Technologies 7025E Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
All data sheets are subject to change without notice
(619) 503-3300- Fax: (619) 503-3301- www.maxwell.com
(8K x 16-Bit) Dual Port RAM
7025E
©2002 Maxwell Technologies
All rights reserved.
High-Speed CMOS
08.15.02 Rev 2
FEATURES:
• 8K x 16-bit dual port RAM
- Stand Alone
- Master Slave
•RAD-PAK® radiation-hardened against natural space
radiation
• Total dose hardness:
- > 100 krad (Si), depending upon space mission
• Excellent Single Event Effects:
-SEL
TH LET = >100 MeV/mg/cm
2
-SEU
TH LET = 7 MeV/mg/cm
2
• Package:
-84 Pin RAD-PAK® quad flat pack
• Separate upper byte and lower byte control for multiplexed
bus compatibility
• High speed access time: 35/45 ns
• Expandable to 32 bits or more using master/slave select
when cascading
• High speed CMOS technology
-TTL compatible, single 5V power supply
-Interrupt flag for port-to-port communication
-On chip port arbitration logic
-Asynchronous operation from either port
DESCRIPTION:
Maxwell Technologies’ 7025E Dual Port RAM High Speed
CMOS® microcircuit features a greater than 100 krad (Si) total
dose tolerance, depending upon space mission. The 7025E is
designed to be used as a stand-alone 128k-bit Dual Port RAM
or as a combination MASTER/SLAVE Dual-Port RAM for 32-
bit or more word systems. This design results in full-speed,
error-free operation without the need for additional discrete
logic. The 7025E provides two independent ports with sepa-
rate control, address, and I/O pins that permit independent,
asynchronous access for reads or writes to any location in
memory. An automatic power down feature controlled by CS
permits the on-chip circuitry of each port to enter a very low
standby power mode.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. In a GEO orbit, RAD-PAK provides greater than 100
krad (Si) radiation dose tolerance. This product is available
with screening up to Class S.
Logic Diagram


Similar Part No. - 7025E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7025 BOURNS-7025 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
logo
Alpha Wire
7025 ALPHAWIRE-7025 Datasheet
97Kb / 4P
   Customer Specification
3/12/2023
logo
JJ Electronic
7025 JJ-ELECTRONIC-7025 Datasheet
206Kb / 1P
   R. F. DOUBLE TRIODE
logo
Bourns Electronic Solut...
7025-RC BOURNS-7025-RC Datasheet
121Kb / 1P
   Dual-Line Toroid Inductors
logo
Schurter Inc.
7025.5110 SCHURTER-7025.5110 Datasheet
155Kb / 3P
   Special Fuse, 14 x 50 mm
More results

Similar Description - 7025E

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V25S IDT-IDT70V25S Datasheet
276Kb / 17P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com