Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5675RPQE Datasheet(PDF) 8 Page - Maxwell Technologies

Part # 5675RPQE
Description  14-BIT, 400MSPS DIGITAL-TO-ANOALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

5675RPQE Datasheet(HTML) 8 Page - Maxwell Technologies

Back Button 5675RPQE Datasheet HTML 4Page - Maxwell Technologies 5675RPQE Datasheet HTML 5Page - Maxwell Technologies 5675RPQE Datasheet HTML 6Page - Maxwell Technologies 5675RPQE Datasheet HTML 7Page - Maxwell Technologies 5675RPQE Datasheet HTML 8Page - Maxwell Technologies 5675RPQE Datasheet HTML 9Page - Maxwell Technologies 5675RPQE Datasheet HTML 10Page - Maxwell Technologies 5675RPQE Datasheet HTML 11Page - Maxwell Technologies 5675RPQE Datasheet HTML 12Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
All data sheets are subject to change without notice
©2004 Maxwell Technologies
All rights reserved.
14-BIT, 400MSPS DIGITAL-TO-ANALOG Converter
5675
07.13.04 Rev 1
TABLE 7. LVDS INPUT THRESHOLDS AND LOGICAL BIT EQUIVALENT
APPIED
VOLTAGE
RESULTING
DIFFERENTIAL
INPUT VOLTAGE
RESULTING
COMMON-MODE
INPUT VOLTAGE
LOGICAL
BIT BINARY
EQUIVALENT
COMMENT
V
A [V]
V
B [V]
V
A,B [MV]
V
COM [V]
1.25
1.15
200
1.2
1
Operation with minimum differential volt-
age(+/-200mV) applied to the complimen-
tory inputs versus common mode range
1.15
1.25
-200
1.2
0
2.4
2.3
200
1.35
1
2.3
2.4
-200
2.35
0
0.1
0
200
0.05
1
0
0.1
-200
0.05
0
1.5
0.9
600
1.2
1
Operation with minimum differential volt-
age(+/-600mV) applied to the complimen-
tory inputs versus common mode range
0.9
1.5
-600
1.2
0
2.4
1.8
600
2.1
1
1.8
2.4
-600
2.1
0
0.6
0
600
0.3
1
0
0.6
-600
0.3
0


Similar Part No. - 5675RPQE

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
5675 AMPHENOL-5675 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
logo
Festo Corporation.
567502 FESTO-567502 Datasheet
78Kb / 2P
   Air solenoid valve
567503 FESTO-567503 Datasheet
93Kb / 2P
   Air solenoid valve
567504 FESTO-567504 Datasheet
94Kb / 2P
   Air solenoid valve
567539 FESTO-567539 Datasheet
91Kb / 2P
   Proportional pressure control valve
1/21/22
More results

Similar Description - 5675RPQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5675IPHP TI1-DAC5675IPHP Datasheet
572Kb / 31P
[Old version datasheet]   14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
DAC5675A TI1-DAC5675A Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
ADS5474-SP TI1-ADS5474-SP Datasheet
1Mb / 28P
[Old version datasheet]   400MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9953 AD-AD9953_17 Datasheet
648Kb / 32P
   400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9954 AD-AD9954_17 Datasheet
742Kb / 40P
   400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
5962-9319803HXC-14 DATEL-5962-9319803HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
logo
Wolfson Microelectronic...
WM2148 WOLFSON-WM2148 Datasheet
255Kb / 14P
   14-bit 8MSPS Analogue-To-Digital Converter
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-9319801HXA DATEL-5962-9319801HXA Datasheet
170Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com