Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C17314 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # C17314
Description  Type II/III (long) beam for very wide pole to pole distances
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C17314 Datasheet(HTML) 3 Page - Ledil, Inc.

  C17314 Datasheet HTML 1Page - Ledil, Inc. C17314 Datasheet HTML 2Page - Ledil, Inc. C17314 Datasheet HTML 3Page - Ledil, Inc. C17314 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT
DATASHEET
C17314_STRADELLA-8-HV-CSP-SCL
PHOTOMETRIC DATA (SIMULATED):
LED
Fortimo FastFlex LED 4x8up PR G5
FWHM
Asymmetric
Efficiency
80 %
Peak intensity
0.8 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
Transparent protective cover
Last update: 15/01/2020
Subject to change without prior notice
Published: 20/01/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
3/4


Similar Part No. - C17314

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C1731 ETC-C1731 Datasheet
38Kb / 1P
   205 UH Inductor Approved for use by GlobeSpan
logo
Ledil, Inc.
C17312 LEDIL-C17312 Datasheet
2Mb / 5P
   IESNA Type II (medium) beam with excellent back light control
C17313 LEDIL-C17313 Datasheet
2Mb / 5P
   IESNA Type III (medium) beam with excellent back light control
More results

Similar Description - C17314

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS17261 LEDIL-CS17261 Datasheet
2Mb / 5P
   Type II/III (long) beam for very wide pole to pole distances
C16119 LEDIL-C16119 Datasheet
2Mb / 5P
   Type II/III (long) beam for very wide pole to pole distances.
C16014 LEDIL-C16014 Datasheet
6Mb / 5P
   Type II/III (long) beam for very wide pole to pole distances
C16959 LEDIL-C16959 Datasheet
2Mb / 7P
   Type II/III (long) beam for very wide pole to pole distances
CS16690 LEDIL-CS16690 Datasheet
5Mb / 4P
   Type II/III (long) beam for very wide pole to pole distances
CS15761 LEDIL-CS15761 Datasheet
4Mb / 6P
   Type II/III (Long) beam for very wide pole to pole distances
CS16881 LEDIL-CS16881 Datasheet
3Mb / 5P
   Type II/III (long) beam for very wide pole to pole distances
CS16691 LEDIL-CS16691 Datasheet
5Mb / 4P
   Type II/III (long) beam for very wide pole to pole distances
C16473 LEDIL-C16473 Datasheet
3Mb / 4P
   Type II/III (long) beam for very wide pole to pole distances.
C15987 LEDIL-C15987 Datasheet
2Mb / 5P
   Type II/III (long) beam for very wide pole to pole distances
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com