Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBD-75-M-01 Datasheet(PDF) 7 Page - Tyco Electronics

Part # RBD-75-M-01
Description  RF one-step BNC/TNC connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RBD-75-M-01 Datasheet(HTML) 7 Page - Tyco Electronics

  RBD-75-M-01 Datasheet HTML 1Page - Tyco Electronics RBD-75-M-01 Datasheet HTML 2Page - Tyco Electronics RBD-75-M-01 Datasheet HTML 3Page - Tyco Electronics RBD-75-M-01 Datasheet HTML 4Page - Tyco Electronics RBD-75-M-01 Datasheet HTML 5Page - Tyco Electronics RBD-75-M-01 Datasheet HTML 6Page - Tyco Electronics RBD-75-M-01 Datasheet HTML 7Page - Tyco Electronics RBD-75-M-01 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
8-66 Electrical Interconnect Products
Coaxial Cable Termination
RF one-step BNC/TNC connectors (cont’d.)
Part number selection - TNC coaxial connectors (continued)
Cable type
Cable dimensions in millimeters (inches)
Impedance
D
E
F
G
(ohms)
RG cables
Raychem cables
(min.–max.)
(min.–max.)
(max.)
(max.)
Part Number
TNC right-angle plugs, male contacts
50
RG-174, RG-178, RG-188,
5026A1311, 5028A1317,
1.5–5.5
0.9–3.0
1.55
0.65
RG-196,RG–316
5030A1317
(.060–.217)
(.035–.118)
(.060)
(.025)
RTD-50-S-01
50
RG-58, RG-141, RG-142,
5019D3318, 5021D1331,
3.5–7.0
2.1–5.0
3.0
1.25
RG-303, RG-400
5020A1311
(.138–.276)
(.083–.197)
(.118)
(.050)
RTD-50-M-01
50
RG-165, RG-215, RG-213,
5012F3332, 5012A3311
5.0–12.5
4.1–9.5
7.3
2.45
RG-225, RG-214
(.197–.500)
(.161–.375)
(.287)
(.100)
RTD-50-L-01
75
RG-179, RG-187
7530A1317
1.5–5.5
0.9–3.0
1.55
0.65
(.060–.217)
(.035–.118)
(.060)
(.025)
RTD-75-S-01
75
7524A1311, 7528A1317
3.5–7.0
2.1–5.0
3.7
1.25
(.138–.276)
(.083–.197)
(.146)
(.050)
RTD-75-M-01
75
RG-6, RG-11, RG-12, RG-59
5.0–12.5
4.1–9.5
7.3
2.45
RG-144, RG-216
(.197–.500)
(.161–.375)
(.287)
(.100)
RTD-75-L-01
TNC straight bulkhead jacks, female contacts
50
RG-174, RG-178, RG-188,
5026A1311, 5028A1317,
1.5–5.5
0.9–3.0
1.55
0.65
RG-196,RG–316
5030A1317
(.060–.217)
(.035–.118)
(.060)
(.025)
RTD-50-S-02
50
RG-58, RG-141, RG-142,
5019D3318, 5021D1331,
3.5–7.0
2.1–5.0
3.0
1.25
RG-303, RG-400
5020A1311
(.138–.276)
(.083–.197)
(.118)
(.050)
RTD-50-M-02
50
RG-165, RG-215, RG-213,
5012F3332, 5012A3311
5.0–12.5
4.1–9.5
7.3
2.45
RG-225, RG-214
(.197–.500)
(.161–.375)
(.287)
(.100)
RTD-50-L-02
75
RG-179, RG-187
7530A1317
1.5–5.5
0.9-3.0
1.55
0.65
(.060–.217)
(.035–.118)
(.060)
(.025)
RTD-75-S-02
75
7524A1311, 7528A1317
3.5–7.0
2.1–5.0
3.7
1.25
(.138–.276)
(.083–.197)
(.146)
(.050)
RTD-75-M-02
75
RG-6, RG-11, RG-12, RG-59
5.0–12.5
4.1–9.5
7.3
2.45
RG-144, RG-216
(.197–.500)
(.161–.375)
(.287)
(.100)
RTD-75-L-02
8-Electric. Interc. Products
30/9/02
11:09 am
Page 66


Similar Part No. - RBD-75-M-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBD-10V102MI5 ETC2-RBD-10V102MI5 Datasheet
181Kb / 1P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
logo
Recom International Pow...
RBD-12 RECOM-RBD-12 Datasheet
160Kb / 3P
   Buck- Boost LED Driver up to Vout=40V
RBD-12-0.35 RECOM-RBD-12-0.35 Datasheet
160Kb / 3P
   Buck- Boost LED Driver up to Vout=40V
RBD-12-0.50 RECOM-RBD-12-0.50 Datasheet
160Kb / 3P
   Buck- Boost LED Driver up to Vout=40V
More results

Similar Description - RBD-75-M-01

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
KA-91-10 WINCHESTER-KA-91-10 Datasheet
43Kb / 1P
   TNC, BNC ADAPTER
logo
Vitesse Semiconductor C...
SD759-6 VITESSE-SD759-6 Datasheet
46Kb / 1P
   ADAPTER, TNC-BNC,F-F
logo
Winchester Electronics ...
SD759-6 WINCHESTER-SD759-6 Datasheet
46Kb / 1P
   ADAPTER, TNC-BNC, F-F
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
   ADPT, M-F, TNC-BNC
KA-91-18 WINCHESTER-KA-91-18 Datasheet
43Kb / 1P
   ADPT, M-F, TNC-BNC
logo
Hirose Electric
AT-400 HIROSE-AT-400 Datasheet
85Kb / 3P
   Fixed Attenuators (N,BNC,TNC)
logo
Mini-Circuits
ACUDIAL-BNCTNC MINI-ACUDIAL-BNCTNC Datasheet
302Kb / 2P
   BNC-TNC Connector Gage Kit
logo
API Technologies Corp
1591 APITECH-1591 Datasheet
511Kb / 1P
   TNC Connectors
logo
Amphenol Corporation
031-5684 AMPHENOL-031-5684 Datasheet
2Mb / 8P
   TNC Connectors
000-46650-75 AMPHENOL-000-46650-75 Datasheet
4Mb / 16P
   BNC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com