Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54LVTH245ARPFI Datasheet(PDF) 7 Page - Maxwell Technologies

Part # 54LVTH245ARPFI
Description  3.3V ABT Octal Bus Transceiver with 3-State Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

54LVTH245ARPFI Datasheet(HTML) 7 Page - Maxwell Technologies

  54LVTH245ARPFI Datasheet HTML 1Page - Maxwell Technologies 54LVTH245ARPFI Datasheet HTML 2Page - Maxwell Technologies 54LVTH245ARPFI Datasheet HTML 3Page - Maxwell Technologies 54LVTH245ARPFI Datasheet HTML 4Page - Maxwell Technologies 54LVTH245ARPFI Datasheet HTML 5Page - Maxwell Technologies 54LVTH245ARPFI Datasheet HTML 6Page - Maxwell Technologies 54LVTH245ARPFI Datasheet HTML 7Page - Maxwell Technologies 54LVTH245ARPFI Datasheet HTML 8Page - Maxwell Technologies 54LVTH245ARPFI Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
3.3V ABT Octal Bus Transceiver
with 3-State Output
54LVTH245A
12.19.01 Rev 1
1000597
F20-01
Note: All dimensions in inches
20 PIN RAD-PAK® FLAT PACKAGE
SYMBOL
DIMENSION
MIN
NOM
MAX
A
0.128
0.141
0.154
b
0.015
0.017
0.022
c
0.003
0.005
0.009
D
0.470
0.480
0.490
E
0.287
0.295
0.303
E1
--
--
0.333
E2
0.155
0.160
--
E3
0.030
0.068
--
e
0.050 BSC
L
0.370
0.380
0.390
Q
0.035
0.039
0.042
S1
0.005
0.007
--
N20


Similar Part No. - 54LVTH245ARPFI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54LVTH245 TI-54LVTH245 Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 54LVTH245ARPFI

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A Datasheet
114Kb / 21P
   3.3V ABT 16-bit bus transceiver 3-State
Rev. 03-12 January 2005
logo
Motorola, Inc
SN54LS623 MOTOROLA-SN54LS623 Datasheet
70Kb / 3P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVTH245A-EP TI1-SN74LVTH245A-EP Datasheet
510Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVT245B TI-SN74LVT245B_10 Datasheet
781Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVT245B TI-SN74LVT245B Datasheet
489Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVT646 PHILIPS-74LVT646 Datasheet
109Kb / 14P
   3.3V Octal bus transceiver/register 3-State
1998 Feb 19
logo
Texas Instruments
SN54LVTH652 TI-SN54LVTH652_08 Datasheet
518Kb / 18P
[Old version datasheet]   3.3V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDT74ALVC245 IDT-IDT74ALVC245 Datasheet
62Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVTH652-EP TI1-SN74LVTH652-EP Datasheet
328Kb / 12P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVTR245PWR TI-SN74LVTR245PWR Datasheet
206Kb / 10P
[Old version datasheet]   33-V ABT OCTAL TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com