Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48SD3208 Datasheet(PDF) 9 Page - Maxwell Technologies

Part # 48SD3208
Description  256 Mb SDRAM 8-Meg X 8-Bit X 4-Banks
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

48SD3208 Datasheet(HTML) 9 Page - Maxwell Technologies

Back Button 48SD3208 Datasheet HTML 5Page - Maxwell Technologies 48SD3208 Datasheet HTML 6Page - Maxwell Technologies 48SD3208 Datasheet HTML 7Page - Maxwell Technologies 48SD3208 Datasheet HTML 8Page - Maxwell Technologies 48SD3208 Datasheet HTML 9Page - Maxwell Technologies 48SD3208 Datasheet HTML 10Page - Maxwell Technologies 48SD3208 Datasheet HTML 11Page - Maxwell Technologies 48SD3208 Datasheet HTML 12Page - Maxwell Technologies 48SD3208 Datasheet HTML 13Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
48SD3208
9
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
256Mb (8-Meg X 8-Bit X 4-Banks) SDRAM
01.10.05 Rev 2
Column address strobe and write command (WRIT): This command starts a write operation. When the
burst write mode is selected, the column address (AY0 to AY9) and the bank select address (BA0/BA1)
become the burst write start address. When the single write mode is selected, data is only written to the
location specified by the column address (AY0 to AY9) and bank select address(BA0/BA1).
Write with auto-precharge (WRIT A): This command automatically performs a precharge operation after a
burst write with a length of 1, 2, 4, or 8, or after a single write operation.
Row address strobe and bank activate ( ACTV): This command activates the bank that is selected by
BA0/BA1 (BS) and determines the row address (AX0 to AX12). When BA0 and BA1 are Low, bank 0 is
activated. When BA0 is Low, and BA1 is High, bank 1 is activated. When BA0 is High and BA1 is Low, bank
2 is activated. When BA0 and BA1 are High, bank 3 is activated.
Precharge select bank (PRE): This command starts precharge operation for the bank selected by BA0/
BA1. If BA0 and BA1 are Low, bank 0 is selected. If BA0 is Low and BA1 is High, bank 1 is selected. If BA0
is High and BA1 is Low, bank 2 is selected. If BA0 and BA1 are High, bank 3 is selected.
Precharge all banks (PALL): This command starts a precharge operation for all banks.
Refresh (REF/SELF)1: This command starts the refresh operation. There are two types of refresh
operations; one is auto-refresh, and the other is self-refresh. For details, refer to the CKE truth table section.
Mode register set (MRS): The SDRAM has a mode register that defines how it operates. The mode register
is specified by the address pins (A0 to A12, BA0 andBA1) at the mode register set cycle. For details, refer to
the mode register configuration. After power on, the contents of the mode register are undefined, execute
the mode register set command to set up the mode register.
1. Do not use self refresh mode at temperatures above 70 °C.


Similar Part No. - 48SD3208

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
48SD1616 MAXWELL-48SD1616 Datasheet
596Kb / 42P
   256 Mb SDRAM 4-Meg X 16-Bit X 4-Banks
48SD1616RPFE MAXWELL-48SD1616RPFE Datasheet
596Kb / 42P
   256 Mb SDRAM 4-Meg X 16-Bit X 4-Banks
48SD1616RPFH MAXWELL-48SD1616RPFH Datasheet
596Kb / 42P
   256 Mb SDRAM 4-Meg X 16-Bit X 4-Banks
48SD1616RPFI MAXWELL-48SD1616RPFI Datasheet
596Kb / 42P
   256 Mb SDRAM 4-Meg X 16-Bit X 4-Banks
48SD1616RPFK MAXWELL-48SD1616RPFK Datasheet
596Kb / 42P
   256 Mb SDRAM 4-Meg X 16-Bit X 4-Banks
More results

Similar Description - 48SD3208

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
48SD1616 MAXWELL-48SD1616 Datasheet
596Kb / 42P
   256 Mb SDRAM 4-Meg X 16-Bit X 4-Banks
48SD6404 MAXWELL-48SD6404 Datasheet
596Kb / 42P
   256 Mb SDRAM 16-Meg X 4-Bit X 4-Banks
logo
Micron Technology
MT41J64M16JT-125G MICRON-MT41J64M16JT-125G Datasheet
2Mb / 214P
   DDR3 SDRAM MT41J256M4 ??32 Meg x 4 x 8 banks MT41J128M8 ??16 Meg x 8 x 8 banks MT41J64M16 ??8 Meg x 16 x 8 banks
MT47H64M16HR-25EITH MICRON-MT47H64M16HR-25EITH Datasheet
9Mb / 134P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
logo
Maxwell Technologies
97SD3240 MAXWELL-97SD3240 Datasheet
760Kb / 39P
   1.25Gb SDRAM 8-Meg X 40-Bit X 4-Banks
97SD3240 MAXWELL-97SD3240_06 Datasheet
738Kb / 39P
   1.25Gb SDRAM 8-Meg X 40-Bit X 4-Banks
97SD3248 MAXWELL-97SD3248 Datasheet
584Kb / 40P
   1.5Gb SDRAM 8-Meg X 48-Bit X 4-Banks
97SD3248 MAXWELL-97SD3248_06 Datasheet
583Kb / 40P
   1.5Gb SDRAM 8-Meg X 48-Bit X 4-Banks
logo
Micron Technology
MT47H64M16HR-25H MICRON-MT47H64M16HR-25H Datasheet
1Mb / 132P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT47H128M16RT-25EITC MICRON-MT47H128M16RT-25EITC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com