Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAV70WTQ Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part No. BAV70WTQ
Description  High Speed Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

BAV70WTQ Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  BAV70WTQ Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd BAV70WTQ Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd BAV70WTQ Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd BAV70WTQ Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAW56WTQ&BAV70WTQ&BAV99WTQ
2 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S3017
Rev.1.0,29-Apr-20
www.21yangjie.com
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
CONDITIONS
VALUE
Forward Voltage
VF
V
IF=1mA
0.715
IF=10mA
0.855
IF=50mA
1.0
IF=150mA
1.25
Reverse Current
I
R
μA
VR=75V
1
Reverse Breakdown Voltage
VBR
V
IR=100μA
100
Diode Capacitance
Cj
pF
VR=VF=0V, f =1MHZ
2
Reverse Recovery Time
trr
ns
IF=10mA,Irr=0.1IR,RL=100Ω
4
Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
BAW56WTQ
BAV70WTQ
BAV99WTQ
F2
Approximate 0.006
3000
30000
120000
7
” reel
Characteristics (Typical)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn