Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAV70WTQ Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part No. BAV70WTQ
Description  High Speed Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

BAV70WTQ Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  BAV70WTQ Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd BAV70WTQ Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd BAV70WTQ Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd BAV70WTQ Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAW56WTQ&BAV70WTQ&BAV99WTQ
1 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S3017
Rev.1.0,29-Apr-20
www.21yangjie.com
High Speed Switching Diode
Features
● Epoxy meets UL-94 V-0 flammability rating and halogen free
● Moisture Sensitivity Level 1
● VBR 100V
● I
FAV150mA@ Single diode loaded
● Part no. with suffix “Q” means AEC-Q101 qualified
Applications
● Extreme fast switches
Mechanical Data
● Case: SOT-323
● Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
CONDITIONS
VALUE
Reverse Breakdown Voltage
VBR
V
100
Average Forward Current
IFAV[1]
mA
150
Non-Repetitive Peak Forward
Surge Current
IFSM
A
tp=1 ms
1
Power Dissipation
P
tot[1]
mW
200
Thermal Resistance Junction to Ambient
RthJA
℃/W
625
Maximum Junction Temperature
T
j
150
Storage Temperature Range
Tstg
-55 to +150
[1] Single diode loaded
COMPLIANT
RoHS
SOT-323
BAW56WTQ
Marking:KJC
BAV70WTQ
Marking:KJA
BAV99WTQ
Marking: KJG


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn