Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

27C512T Datasheet(PDF) 2 Page - Maxwell Technologies

Part No. 27C512T
Description  512K (64K x 8-Bit) OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXWELL [Maxwell Technologies]
Homepage  http://www.maxwell.com
Logo 

27C512T Datasheet(HTML) 2 Page - Maxwell Technologies

 
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
All data sheets are subject to change without notice
©2003 Maxwell Technologies
All rights reserved.
512K (64K x 8-Bit) OTP EPROM
27C512T
06.24.03 REV 4
TABLE 1. 27C512T PINOUT DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1V
PP
Programming Voltage
2, 30
NC
Not connected
12-5, 27, 26, 23,
25, 4, 28, 29, 3
A0-A15
Address Enable
22
CE
Chip Enable
24
OE
Output Enable
13-15, 17-21
I/O0 - I/O7
Data Input/Output
16
GND
Ground
31
PGM
Program
32
V
CC
+5V Power Supply
TABLE 2. 27C512T ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage 1
1. Relative to V
SS.
V
CC
-0.6
+7.0
V
Programming Voltage 1
V
PP
-0.6
+13.5
V
All Input and Output Voltage 1,2
2. V
IN, VOUT, and VID min = -1.0V for pulse width < 20 ns.
V
IN, VOUT
-0.6
+7.0
V
A9 and OE Voltage
V
ID
-0.6
13.0
V
Operating Temperature Range
T
OPR
-55
+125
°C
Storage Temperature Range
T
STG
-65
+125
°C
TABLE 3. DELTA LIMITS
PARAMETER
VARIATION
I
SB
±10%
I
CC1
±10%
I
CC2
±10%
I
CC3
±10%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn