Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

27C512T Datasheet(PDF) 6 Page - Maxwell Technologies

Part No. 27C512T
Description  512K (64K x 8-Bit) OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXWELL [Maxwell Technologies]
Homepage  http://www.maxwell.com
Logo 

27C512T Datasheet(HTML) 6 Page - Maxwell Technologies

Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
All data sheets are subject to change without notice
©2003 Maxwell Technologies
All rights reserved.
512K (64K x 8-Bit) OTP EPROM
27C512T
06.24.03 REV 4
6. If V
IH is over the specified maximum value, programming operation can not be guaranteed.
7. V
IL min = -0.6V for pulse width < 20 ns.
TABLE 10. 27C512T MODE SELECTION
MODE
V
PP
V
CC
CE
OE
PGM
A
9
I/O
Read
V
CC
V
CC
V
IL
V
IL
V
IH
X1
1. X = Don’t care.
D
OUT
Output Disable
V
CC
V
CC
V
IL
V
IH
V
IH
X
High-Z
Standby
V
CC
V
CC
V
IH
XXX
High-Z
Program
V
PP
V
CC
V
IL
V
IH
V
IL
XD
IN
Program Verify
V
PP
V
CC
V
IL
V
IL
V
IH
XD
OUT
Page Data Latch
V
PP
V
CC
V
IH
V
IL
V
IH
XD
IN
Page Program
V
PP
V
CC
V
IH
V
IH
V
IL
X
High-Z
Program Inhibit
V
CC
V
CC
V
IL
V
IL
V
IL
X
High-Z
V
PP
V
CC
V
IL
V
IH
V
IH
X
High-Z
V
PP
V
CC
V
IH
V
IL
V
IL
X
High-Z
V
PP
V
CC
V
IH
V
IH
V
IH
X
High-Z
Identifier
V
CC
V
CC
V
IL
V
IL
V
IH
V
H
2
2. 11.5V < V
H < 12.5V.
ID


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn