Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX1N5551 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # JANTX1N5551
Description  This specification covers the performance requirements for silicon, general purpose,
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JANTX1N5551 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button JANTX1N5551 Datasheet HTML 6Page - List of Unclassifed Manufacturers JANTX1N5551 Datasheet HTML 7Page - List of Unclassifed Manufacturers JANTX1N5551 Datasheet HTML 8Page - List of Unclassifed Manufacturers JANTX1N5551 Datasheet HTML 9Page - List of Unclassifed Manufacturers JANTX1N5551 Datasheet HTML 10Page - List of Unclassifed Manufacturers JANTX1N5551 Datasheet HTML 11Page - List of Unclassifed Manufacturers JANTX1N5551 Datasheet HTML 12Page - List of Unclassifed Manufacturers JANTX1N5551 Datasheet HTML 13Page - List of Unclassifed Manufacturers JANTX1N5551 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MIL-PRF-19500/420H
10
3. REQUIREMENTS
3.1 General. The individual item requirements shall be as specified in MIL-PRF-19500 and as modified herein.
3.2 Qualification. Devices furnished under this specification shall be products that are manufactured by a
manufacturer authorized by the qualifying activity for listing on the applicable qualified manufacturer’s list (QML)
before contract award (see 4.2 and 6.3).
3.3 Abbreviations, symbols, and definitions. Abbreviations, symbols, and definitions used herein shall be as
specified in MIL-PRF-19500 and as follows:.
*
EC .........................End cap.
3.4 Interface and physical dimensions. The interface and physical dimensions shall be as specified in
MIL-PRF-19500 and on figure 1 (similar to DO-41) for 1N5550 through 1N5554, figure 2 for 1N5550US through
1N5554US, and figures 3, 4, 5, 6, and 7 (JANHC and JANKC).
3.4.1 Lead finish. Unless otherwise specified, lead or end cap finish shall be solderable in accordance with
MIL-PRF-19500, MIL-STD-750, and herein. When solder alloy is used for finish the maximum lead temperature is
limited to 175
°C maximum. Where a choice of finish is desired, it shall be specified in the acquisition document (see
6.2).
3.4.2 Diode construction. These devices shall be constructed utilizing non-cavity double plug construction with
high temperature metallurgical bonding between both sides of the silicon die and terminal pins. Metallurgical bond
shall be in accordance with the requirements of category I in MIL-PRF-19500. US version devices shall be
structurally identical to the non-surface mount devices except for lead terminations.
3.5 Marking. Marking shall be in accordance with MIL-PRF-19500.
3.5.1 Marking of US version. For US version only, all marking may be omitted from the device except for the
cathode marking. All marking which is omitted from the body of the device shall appear on the label of the initial
container.
3.5.2 Polarity. The polarity shall be indicated with a contrasting color band to denote the cathode end. Alternately
for surface mount (US) devices, a minimum of three evenly spaced contrasting color dots around the periphery of the
cathode end may be used. No color coding will be permitted.
3.6 Electrical performance characteristics. Unless otherwise specified herein, the electrical performance
characteristics are as specified in 1.3, 1.4, and table I herein.
3.7 Electrical test requirements. The electrical test requirements shall be the subgroups specified in table I
herein.
3.8 Workmanship. Semiconductor devices shall be processed in such a manner as to be uniform in quality and
shall be free from other defects that will affect life, serviceability, or appearance.
4. VERIFICATION
4.1 Classification of inspections. The inspection requirements specified herein are classified as follows:
a.
Qualification inspection (see 4.2).
b.
Screening (see 4.3).
c.
Conformance inspection (see 4.4).


Similar Part No. - JANTX1N5551

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N5551 MICROSEMI-JANTX1N5551 Datasheet
78Kb / 2P
   RECTIFIERS MILITARY APPROVED, 5 AMP, GENERAL PURPOSE
More results

Similar Description - JANTX1N5551

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
logo
List of Unclassifed Man...
TE21748032 ETC2-TE21748032 Datasheet
246Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance...
logo
TE Connectivity Ltd
114-6041 TEC-114-6041 Datasheet
258Kb / 10P
   This specification covers the requirements for application of CHAMP Cable Connectors
logo
ATTEND Technology Inc.
115B ATTEND-115B Datasheet
336Kb / 5P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
126B ATTEND-126B Datasheet
447Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
DDR ATTEND-DDR Datasheet
388Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
101M-TEX0 ATTEND-101M-TEX0 Datasheet
267Kb / 3P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 101M-TEX0
2020-06-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com