Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6406PP20SL Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6406PP20SL
Description  High Current Dual Positive Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6406PP20SL Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6406PP20SL Datasheet HTML 1Page - Torex Semiconductor XC6406PP20SL Datasheet HTML 2Page - Torex Semiconductor XC6406PP20SL Datasheet HTML 3Page - Torex Semiconductor XC6406PP20SL Datasheet HTML 4Page - Torex Semiconductor XC6406PP20SL Datasheet HTML 5Page - Torex Semiconductor XC6406PP20SL Datasheet HTML 6Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
348
XC6406 Series
MARK
PRODUCT SERIES
0
6
XC6406****S*
MARK
VOLTAGE(V)
VR1
VR2
PRODUCT SERIES
0
1
3.3
2.5
XC6406**01S*
MARK
PRODUCTION YEAR
3
2003
4
2004
MARK
PRODUCTION LOT NUMBER
-
3
03
0
1
1A
MARK
VR1REGULATOR TYPE
PRODUCT SERIES
P
Short-Circuit Protection Circuit Built-In
XC6406P***S*
E
No Current Limiter Circuit Built-In
XC6406E***S*
MARK
VR2REGULATOR TYPE
PRODUCT SERIES
P
Short-Circuit Protection Circuit Built-In
XC6406P***S*
E
No Current Limiter Circuit Built-In
XC6406E***S*
■MARKING RULE
①②Represents product series
③Represents type of VR1 regulator
④Represents type of VR2 regulator
⑧⑨Represents production lot number
0 to 9, A to Z repeated(G,I,J,O,Q,W excepted)
Note: No character inversion used.
ex)
⑤⑥Represents VR output voltage
ex)
⑦Represents a least significant digit of production year
ex)
●SOP-8
SOP-8
(TOP VIEW)
① ② ③
⑤ ⑥
⑦ ⑧ ⑨
12
34
87
65


Similar Part No. - XC6406PP20SL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6406 TOREX-XC6406 Datasheet
168Kb / 7P
   High Current Dual Positive Regulator
XC6406 TOREX-XC6406_1 Datasheet
168Kb / 7P
   High Current Dual Positive Regulator
More results

Similar Description - XC6406PP20SL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6406 TOREX-XC6406_1 Datasheet
168Kb / 7P
   High Current Dual Positive Regulator
logo
Cystech Electonics Corp...
LM78LXXA3 CYSTEKEC-LM78LXXA3 Datasheet
354Kb / 9P
   Low Current Positive Voltage Regulator
logo
Cypress Semiconductor
PL78L08XM3 CYPRESS-PL78L08XM3 Datasheet
154Kb / 4P
   Low Current Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM78L18A3 CYSTEKEC-LM78L18A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09A3 CYSTEKEC-LM78L09A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
PL78L09XM3 CYSTEKEC-PL78L09XM3 Datasheet
153Kb / 4P
   Low Current Positive Voltage Regulator
LM78L05A3 CYSTEKEC-LM78L05A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L06A3 CYSTEKEC-LM78L06A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09M3 CYSTEKEC-LM78L09M3 Datasheet
167Kb / 5P
   Low Current Positive Voltage Regulator
LM78L05AM3 CYSTEKEC-LM78L05AM3 Datasheet
126Kb / 5P
   Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com