Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS-401M Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # DSS-401M
Description  DIA SURGE SUPPRESSOR (DSS)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

DSS-401M Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  DSS-401M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor DSS-401M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor DSS-401M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor DSS-401M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor DSS-401M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor DSS-401M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor DSS-401M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor DSS-401M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor DSS-401M Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
サージ原波形
FCC 10/560μsec. 800V
10μsec./div.
10μsec./div.
10μsec./div.
10μsec./div.
DOC 10/1000μsec. 1000V
吸収波形
DSS–301L, DSSV–301L–YD, DSSV–301L–T5
FCC 10/560μsec. 800V印加
DSS–401L, DSSV–401M–YD, DSSV–401M–T5
DOC 10/1000μsec. 1000V印加
10μsec./div.
10μsec./div.
バリスタ Varistor 270V
バリスタ Varistor 390V
■サージ吸収特性
■DSSVタイプ過電圧遮断特性
形  名
印加条件
発火率
0
AC600V–40A–1.50sec.
0
AC600V–7A–5sec.
DSSV–301L–YD, DSSV–401M–YD, DSSV–301L–T5, DSSV–401M–T5
0
AC600V–2.2A–30min.
電話機の安全規格、UL1459、CSA–C22.2 No.225–M90において、上記のよ
うな過電圧を電話機の通信回線に印加する試験があります。このような過電
圧に対して、DSSVシリーズは素早く動作し、通信回線又はサージアブソー
バに流れ込む過電圧を遮断します。
n=100
Original waveform
Absorption waveform
Surge absorption characteristics
Overvoltage cut off properties of DSSV type
Part number
Applied conditions
Rate of ignition
Overvoltage testing is required in both UL1459 and CSA–C22.2 No.225–M90.
The DSSV is effective in protecting against these overvoltage conditions by
opening the circuit.
16


Similar Part No. - DSS-401M

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DSS-4250 ADVANTECH-DSS-4250 Datasheet
1Mb / 4P
   42 All-in-One Digital Signage Station
DSS-4270 ADVANTECH-DSS-4270 Datasheet
1Mb / 4P
   42 All-in-One Digital Signage Station
DSS-4270PFA ADVANTECH-DSS-4270PFA Datasheet
1Mb / 4P
   42 All-in-One Digital Signage Station
logo
List of Unclassifed Man...
DSS-4832-100R ETC-DSS-4832-100R Datasheet
126Kb / 1P
   Surface Mount Drum Core Power Inductors
DSS-4832-101R ETC-DSS-4832-101R Datasheet
126Kb / 1P
   Surface Mount Drum Core Power Inductors
More results

Similar Description - DSS-401M

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
logo
Guangdong Juxing Electr...
TB120S JUXING-TB120S Datasheet
1Mb / 4P
   SURGE SUPPRESSOR BRIDGE
logo
Shindengen Electric Mfg...
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
   THYRISTOR Surge suppressor
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
   THYRISTOR SURGE SUPPRESSOR
logo
Guangdong Juxing Electr...
TB120B JUXING-TB120B Datasheet
1Mb / 4P
   SURGE SUPPRESSOR BRIDGE
logo
Protek Devices
RV120-30 PROTEC-RV120-30 Datasheet
113Kb / 1P
   120V RV SURGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com