Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX80501-31 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # CX80501-31
Description  CX805-30 Baseband Processor for Multiband GSM and GPRS Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX80501-31 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  CX80501-31 Datasheet HTML 1Page - Skyworks Solutions Inc. CX80501-31 Datasheet HTML 2Page - Skyworks Solutions Inc. CX80501-31 Datasheet HTML 3Page - Skyworks Solutions Inc. CX80501-31 Datasheet HTML 4Page - Skyworks Solutions Inc. CX80501-31 Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
103171D • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice. • June 21, 2005
3
CX805-30 BASEBAND PROCESSOR PRODUCT SUMMARY
Figure 2. 160-pin FPBGA Package Dimensions
NOTES:
1. All dimensions are in millimeters.
2. For die orientation, see appropriate bonding diagram.
3. FPBGA lands are solder mask defined.
4. Minimum solder ball pitch is 0.80 mm.
5. Dimensioning and tolerancing in accordance with ASME Y14.5M-1994
12 x 12 FPBGA - 160 Balls/ 0.80 mm Ball Pitch
12.00 ± 0.10
Seating Plane
Mold
1.5 MAX
0.3 ± 0.05
0.45 ± 0.05 TYP
C
0.8
0.4
0.4
0.8
J
1
F
A
G
E
D
H
B
K
L
M
N
P
2
3
4
5
6
7
14
13
12
11
10
9
8
A1 Ball Pad Corner
Pin 1 Indicator


Similar Part No. - CX80501-31

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX8045GA KSS-CX8045GA Datasheet
60Kb / 1P
   8.0횞4.5mm for Automotive
CX8045GA KSS-CX8045GA Datasheet
65Kb / 1P
   Crystal units surface mount type
CX8045GA08000H0QTVZ1 KSS-CX8045GA08000H0QTVZ1 Datasheet
65Kb / 1P
   Crystal units surface mount type
CX8045GA08000H0QTWZ1 KSS-CX8045GA08000H0QTWZ1 Datasheet
60Kb / 1P
   8.0횞4.5mm for Automotive
CX8045GA09843H0QTWZ1 KSS-CX8045GA09843H0QTWZ1 Datasheet
60Kb / 1P
   8.0횞4.5mm for Automotive
More results

Similar Description - CX80501-31

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6526 AD-AD6526_15 Datasheet
92Kb / 1P
   GSM/GPRS Digital Baseband Processor
Rev. PrA
AD6526 AD-AD6526 Datasheet
86Kb / 1P
   GSM/GPRS Digital Baseband Processor
Rev. PrA
logo
Broadcom Corporation.
BCM2121 BOARDCOM-BCM2121 Datasheet
131Kb / 2P
   GPRS/GSM SINGLE CHIP BASEBAND PROCESSOR
logo
Analog Devices
AD6528 AD-AD6528 Datasheet
160Kb / 1P
   GSM/GPRS Digital Baseband Processor For Smartphone and Wireless Handheld Devices
Rev. PrA
logo
Broadcom Corporation.
BCM2132 BOARDCOM-BCM2132 Datasheet
514Kb / 2P
   EDGE/GPRS/GSM SINGLE-CHIP MULTIMEDIA BASEBAND PROCESSOR
logo
List of Unclassifed Man...
CX20505 ETC-CX20505 Datasheet
99Kb / 4P
   Integrated Analog Device for GSM and GPRS Applications
CX20524 ETC-CX20524 Datasheet
101Kb / 4P
   Mixed Signal Device for GSM and GPRS Applications
CX20460 ETC-CX20460 Datasheet
144Kb / 4P
   Power Management Integrated Circuit for GSM and GPRS Applications
logo
Broadcom Corporation.
ML2011 BOARDCOM-ML2011 Datasheet
130Kb / 1P
   GSM SINGLE-CHIP BASEBAND PROCESSOR
logo
NXP Semiconductors
PCF50732 PHILIPS-PCF50732 Datasheet
322Kb / 64P
   Baseband and audio interface for GSM
1999 May 03
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com