Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C14948 Datasheet(PDF) 1 Page - Ledil, Inc.

Part No. C14948
Description  IESNA Type III (medium) beam with minimized backlight.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14948 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14948 Datasheet HTML 1Page - Ledil, Inc. C14948 Datasheet HTML 2Page - Ledil, Inc. C14948 Datasheet HTML 3Page - Ledil, Inc. C14948 Datasheet HTML 4Page - Ledil, Inc. C14948 Datasheet HTML 5Page - Ledil, Inc. C14948 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
C14948_STRADA-SQ-T3B
STRADA-SQ-T3B
IESNA Type III (medium) beam with minimized
backlight. Version with location pins.
TECHNICAL SPECIFICATIONS:
Dimensions
25.0 mm
Height
8.2 mm
Fastening
tape
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-SQ-T3B
Single lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C14948_STRADA-SQ-T3B
» Box size: 480 x 280 x 300 mm
2058
294
98
7.9
Last update: 07/12/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn