Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM2SN64EPU Datasheet(PDF) 10 Page - Texas Instruments

Part # TM2SN64EPU
Description  SYNCHRONOUS DYNAMIC RAM MODULES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM2SN64EPU Datasheet(HTML) 10 Page - Texas Instruments

Back Button TM2SN64EPU Datasheet HTML 6Page - Texas Instruments TM2SN64EPU Datasheet HTML 7Page - Texas Instruments TM2SN64EPU Datasheet HTML 8Page - Texas Instruments TM2SN64EPU Datasheet HTML 9Page - Texas Instruments TM2SN64EPU Datasheet HTML 10Page - Texas Instruments TM2SN64EPU Datasheet HTML 11Page - Texas Instruments TM2SN64EPU Datasheet HTML 12Page - Texas Instruments TM2SN64EPU Datasheet HTML 13Page - Texas Instruments TM2SN64EPU Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TM2SN64EPU 2097152 BY 64-BIT
TM4SN64EPU 4194304 BY 64-BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS681 – AUGUST 1997
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
serial presence detect
The serial presence detect (SPD) is contained in a 2K-bit serial EEPROM located on the module. The SPD
nonvolatile EEPROM contains various data such as module configuration, SDRAM organization, and timing
parameters (see tables below). Only the first 128 bytes are programmed by Texas Instruments, while the
remaining 128 bytes are available for customer use. Programming is done through a IIC bus using the clock
(SCL) and data (SDA) signals. All Texas Instruments modules comply with the current JEDEC SPD Standard.
See the
Texas Instruments Serial Presence Detect Technical Reference (literature number SMMU001) for
further details.
Tables in this section list the SPD contents as follows:
Table 1
TM2SN64EPU
Table 2
TM4SN64EPU
Table 1. Serial Presence-Detect Data for the TM2SN64EPU
BYTE
DESCRIPTION OF FUNCTION
TM2SN64EPU-12A
TM2SN64EPU-12
NO.
DESCRIPTION OF FUNCTION
ITEM
DATA
ITEM
DATA
0
Defines number of bytes written into serial memory
during module manufacturing
128 bytes
80h
128 bytes
80h
1
Total number of bytes of SPD memory device
256 bytes
08h
256 bytes
08h
2
Fundamental memory type (FPM, EDO, SDRAM, . . .)
SDRAM
04h
SDRAM
04h
3
Number of row addresses on this assembly
11
0Bh
11
0Bh
4
Number of column addresses on this assembly
9
09h
9
09h
5
Number of module banks on this assembly
1 bank
01h
1 bank
01h
6
Data width of this assembly
64 bits
40h
64 bits
40h
7
Data width continuation
00h
00h
8
Voltage interface standard of this assembly
LVTTL
01h
LVTTL
01h
9
SDRAM cycle time at maximum supported CAS latency
(CL), CL = X
tCK = 12 ns
C0h
tCK = 12 ns
C0h
10
SDRAM access from clock at CL = X
tAC = 9 ns
90h
tAC = 9 ns
90h
11
DIMM configuration type (non-parity, parity, error
correcting code [ECC])
Non-Parity
00h
Non-Parity
00h
12
Refresh rate / type
15.6
µs/
self-refresh
80h
15.6
µs/
self-refresh
80h
13
SDRAM width, primary DRAM
x8
08h
x8
08h
14
Error-checking SDRAM data width
N/A
00h
N/A
00h
15
Minimum clock delay, back-to-back random column
addresses
1 CK cycle
01h
1 CK cycle
01h
16
Burst lengths supported
1, 2, 4, 8
0Fh
1, 2, 4, 8
0Fh
17
Number of banks on each SDRAM device
2 banks
02h
2 banks
02h
18
CAS latencies supported
2, 3
06h
2, 3
06h
19
CS latency
0
01h
0
01h
20
Write latency
0
01h
0
01h
21
SDRAM module attributes
Non-buffered/
Non-registered
00h
Non-buffered/
Non-registered
00h


Similar Part No. - TM2SN64EPU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPN TI-TM2SN64EPN Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results

Similar Description - TM2SN64EPU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4TT64KPN TI1-TM4TT64KPN Datasheet
264Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN64HPU TI1-TM16EN64HPU Datasheet
350Kb / 21P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com