Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5622UTK Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5622UTK
Description  16-Bit DACs with 16-Channel
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5622UTK Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5622UTK Datasheet HTML 1Page - Maxim Integrated Products MAX5622UTK Datasheet HTML 2Page - Maxim Integrated Products MAX5622UTK Datasheet HTML 3Page - Maxim Integrated Products MAX5622UTK Datasheet HTML 4Page - Maxim Integrated Products MAX5622UTK Datasheet HTML 5Page - Maxim Integrated Products MAX5622UTK Datasheet HTML 6Page - Maxim Integrated Products MAX5622UTK Datasheet HTML 7Page - Maxim Integrated Products MAX5622UTK Datasheet HTML 8Page - Maxim Integrated Products MAX5622UTK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
16-Bit DACs with 16-Channel
Sample-and-Hold Outputs
4
_______________________________________________________________________________________
Note 1: The nominal zero-scale (code = 0) voltage is -4.0535V. The nominal full-scale (code = FFFF hex) voltage is +9.0535V. The
output voltage is limited by the Output Range specification, restricting the usable range of DAC codes. The nominal zero-
scale voltage can be achieved when VSS < -4.9V, and the nominal full-scale voltage can be achieved when VDD > +11.5V.
Note 2: Gain is calculated from measurements:
for voltages VDD = 10V and VSS = -4V at codes C000 hex and 4F2C hex
for voltages VDD = 11.6V and VSS = -2.9V at codes FFFF hex and 252E hex
for voltages VDD = 9.25V and VSS = -5.25V at codes D4F6 hex and 0 hex
for voltages VDD = 8.55V and VSS = -2.75V at codes C74A hex and 281C hex
Note 3: Steady-state change in any output with an 8V change in an adjacent output.
Note 4: Settling during the first update for an 8V step. The output settles to within the linearity specification on subsequent updates.
Tested with an external sequencer clock frequency of 480kHz.
Note 5: External clock mode with the external clock not toggling.
Note 6: The output voltage is the sum of the DAC output and the voltage at GS. GS gain is measured at 4F2C hex.
Note 7: The sequencer runs at fSEQ = fECLK/4. Maximum speed is limited by settling of the DAC and SHAs. Minimum speed is
limited by acceptable droop and update time after a Burst Mode Update.
Note 8: VDD rise to CS low = 500µs maximum.
Note 9: Guaranteed by gain-error test.
Note 10: The serial interface is inactive. VIH = VLOGIC, VIL = 0V.
Note 11: The serial interface is active. VIH = VLOGIC, VIL = 0V.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +10V, VSS = -4V, VLOGIC = VLDAC = VLSHA = +5V, VREF = +2.5V, AGND = DGND = VGS = 0V, RL ≥ 10MΩ, CL = 50pF,
CLKSEL = +5V, fECLK = 400kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK High to
CS High Hold Time
tCSH1
0ns
DIN to SCLK High Setup Time
tDS
15
ns
DIN to SCLK High Hold Time
tDH
0ns
RST to CS Low
(Note 8)
500
µs
POWER SUPPLIES
Positive Supply Voltage
VDD
(Note 9)
8.55
10
11.60
V
Negative Supply Voltage
VSS
(Note 9)
-5.25
-4
-2.75
V
Supply Difference
VDD - VSS (Note 9)
14.5
V
Logic Supply Voltage
VLOGIC,
VLDAC,
VLSHA
4.75
5
5.25
V
Positive Supply Current
IDD
32
42
mA
Negative Supply Current
ISS
32
40
mA
(Note 10)
1
1.5
Logic Supply Current
ILOGIC
fSCLK = 20MHz (Note 11)
2
3
mA


Similar Part No. - MAX5622UTK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5622UTK MAXIM-MAX5622UTK Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
More results

Similar Description - MAX5622UTK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621_06 Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
logo
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
logo
Texas Instruments
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
logo
Analog Devices
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
logo
Texas Instruments
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
logo
Linear Technology
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1595 LINER-LTC1595 Datasheet
299Kb / 12P
   Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
logo
Maxim Integrated Produc...
MAX5732 MAXIM-MAX5732 Datasheet
451Kb / 26P
   32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface
Rev 4; 12/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com