Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41LV82052-60T Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC41LV82052-60T
Description  2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV82052-60T Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IC41LV82052-60T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV82052-60T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV82052-60T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV82052-60T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV82052-60T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV82052-60T Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41LV82052-60T Datasheet HTML 10Page - Integrated Circuit Solution Inc IC41LV82052-60T Datasheet HTML 11Page - Integrated Circuit Solution Inc IC41LV82052-60T Datasheet HTML 12Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
IC41C82052
IC41LV82052
8
Integrated Circuit Solution Inc.
DR015-0A 06/12/2001
Notes:
1. An initial pause of 200 µs is required after power-up followed by eight RAS refresh cycle (RAS-Only or CBR) before proper device
operation is assured. The eight RAS cycles wake-up should be repeated any time the tRE. refresh requirement is exceeded.
2. VIH (MIN) and VIL (MAX) are reference levels for measuring timing of input signals. Transition times, are measured between VIH
and VIL (or between VIL and VIH) and assume to be 1 ns for all inputs.
3. In addition to meeting the transition rate specification, all input signals must transit between VIH and VIL (or between VIL and VIH)
in a monotonic manner.
4. If CAS and RAS = VIH, data output is High-Z.
5. If CAS = VIL, data output may contain data from the last valid READ cycle.
6. Measured with a load equivalent to one TTL gate and 50 p..
7. Assumes that tRCD < tRCD (MAX). If tRCD is greater than the maximum recommended value shown in this table, tRAC will increase
by the amount that tRCD exceeds the value shown.
8. Assumes that tRCD > tRCD (MAX).
9. If CAS is LOW at the falling edge of RAS, data out will be maintained from the previous cycle. To initiate a new cycle and clear the
data output buffer, CAS and RAS must be pulsed for tCP.
10. Operation with the tRCD (MAX) limit ensures that tRAC (MAX) can be met. tRCD (MAX) is specified as a reference point only; if tRCD
is greater than the specified tRCD (MAX) limit, access time is controlled exclusively by tCAC.
11. Operation within the tRAD (MAX) limit ensures that tRCD (MAX) can be met. tRAD (MAX) is specified as a reference point only; if tRAD
is greater than the specified tRAD (MAX) limit, access time is controlled exclusively by tAA.
12. Either tRCH or tRRH must be satisfied for a READ cycle.
13. tO.. (MAX) defines the time at which the output achieves the open circuit condition; it is not a reference to VOH or VOL.
14. tWCS, tRWD, tAWD and tCWD are restrictive operating parameters in LATE WRITE and READ-MODI.Y-WRITE cycle only. If tWCS > tWCS
(MIN), the cycle is an EARLY WRITE cycle and the data output will remain open circuit throughout the entire cycle. If tRWD > tRWD
(MIN), tAWD > tAWD (MIN) and tCWD > tCWD (MIN), the cycle is a READ-WRITE cycle and the data output will contain data read from
the selected cell. If neither of the above conditions is met, the state of I/O (at access time and until CAS and RAS or OE go back
to VIH) is indeterminate. OE held HIGH and WE taken LOW after CAS goes LOW result in a LATE WRITE (OE-controlled) cycle.
15. Output parameter (I/O) is referenced to corresponding CAS input.
16. During a READ cycle, if OE is LOW then taken HIGH before CAS goes HIGH, I/O goes open. If OE is tied permanently LOW, a
LATE WRITE or READ-MODI.Y-WRITE is not possible.
17. Write command is defined as WE going low.
18. LATE WRITE and READ-MODI.Y-WRITE cycles must have both tOD and tOEH met (OE HIGH during WRITE cycle) in order to ensure
that the output buffers will be open during the WRITE cycle. The I/Os will provide the previously written data if CAS remains LOW
and OE is taken back to LOW after tOEH is met.
19. The I/Os are in open during READ cycles once tOD or tO.. occur.
20. Determined by falling edge of CAS.
21. Determined by rising edge of CAS.
22. These parameters are referenced to CAS leading edge in EARLY WRITE cycles and WE leading edge in LATE WRITE or READ-
MODI.Y-WRITE cycles.
23. CAS must meet minimum pulse width.
24. The 3 ns minimum is a parameter guaranteed by design.
25. Enables on-chip refresh and address counters.


Similar Part No. - IC41LV82052-60T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV82052S ICSI-IC41LV82052S Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV82052S-50J ICSI-IC41LV82052S-50J Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV82052S-50T ICSI-IC41LV82052S-50T Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV82052S-60J ICSI-IC41LV82052S-60J Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV82052S-60T ICSI-IC41LV82052S-60T Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IC41LV82052-60T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C82052S ICSI-IC41C82052S Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Silicon Solu...
IS41LV8205A ISSI-IS41LV8205A Datasheet
126Kb / 19P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C8205 ISSI-IS41C8205 Datasheet
143Kb / 17P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C82002 ICSI-IC41C82002 Datasheet
195Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C8200 ISSI-IS41C8200 Datasheet
159Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105B ISSI-IS41LV16105B Datasheet
131Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41C16105 ICSI-IS41C16105 Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105S ICSI-IC41C16105S Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
List of Unclassifed Man...
IC41C16105 ETC1-IC41C16105 Datasheet
193Kb / 18P
   1M X 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com