Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5621UCB Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX5621UCB
Description  16-Bit DACs with 16-Channel
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5621UCB Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5621UCB Datasheet HTML 1Page - Maxim Integrated Products MAX5621UCB Datasheet HTML 2Page - Maxim Integrated Products MAX5621UCB Datasheet HTML 3Page - Maxim Integrated Products MAX5621UCB Datasheet HTML 4Page - Maxim Integrated Products MAX5621UCB Datasheet HTML 5Page - Maxim Integrated Products MAX5621UCB Datasheet HTML 6Page - Maxim Integrated Products MAX5621UCB Datasheet HTML 7Page - Maxim Integrated Products MAX5621UCB Datasheet HTML 8Page - Maxim Integrated Products MAX5621UCB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
-0.007
-0.003
-0.005
0.001
-0.001
0.005
0.003
0.007
4018
19520 27271
11769
35021 42723 58268
INTEGRAL NONLINEARITY vs. CODE
INPUT CODE
-1.4
-0.6
-1.0
0.2
-0.2
1.0
0.6
1.4
DIFFERENTIAL NONLINEARITY vs. CODE
INPUT CODE
4018
19520 27271
11769
35021 42723 58268
0
0.002
0.006
0.004
0.008
0.010
-40
10
-15
35
60
85
INTEGRAL NONLINEARITY
VS.
TEMPERATURE
TEMPERATURE (°C)
0.5
0.6
0.8
0.7
0.9
1.0
-40
10
-15
35
60
85
DIFFERENTIAL NONLINEARITY
VS.
TEMPERATURE
TEMPERATURE (°C)
-20
-18
-14
-16
-12
-10
-40
10
-15
35
60
85
OFFSET VOLTAGE
VS.
TEMPERATURE
TEMPERATURE (°C)
VDD = +8.55V
VSS = -4V
CODE = 4F2C hex
DROOP RATE vs. TEMPERATURE
TEMPERATURE (°C)
-40
35
60
-15
10
85
100
0.0001
0.001
0.010
0.100
10
1
CODE = 4F2C hex
EXTERNAL CLOCK MODE
NO CLOCK APPLIED
0
0.01
0.03
0.02
0.04
0.05
-40
10
-15
35
60
85
GAIN ERROR VS. TEMPERATURE
TEMPERATURE (°C)
CODE = C168 hex
OFFSET CODE = 4F2C hex
10
100
0
-10
-20
-30
-40
-60
-50
-70
-80
0.01
0.1
1
POSITIVE SUPPLY PSRR
VS.
FREQUENCY
FREQUENCY (kHz)
-90
-90
0
0.001
0.01
0.1
1
10
100
NEGATIVE SUPPLY PSRR
VS.
FREQUENCY
-10
-20
FREQUENCY (kHz)
-40
-30
-70
-80
-60
-50
Typical Operating Characteristics
(VDD = +10V, VSS = -4V, VREF = +2.5V, VGS = 0V, TA = +25°C, unless otherwise noted.)
16-Bit DACs with 16-Channel
Sample-and-Hold Outputs
_______________________________________________________________________________________
5


Similar Part No. - MAX5621UCB

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX5621UCB MAXIM-MAX5621UCB Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
More results

Similar Description - MAX5621UCB

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621_06 Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
Sipex Corporation
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
Linear Technology
Linear Technology
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
Analog Devices
Analog Devices
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
Linear Technology
Linear Technology
LTC1595 LINER-LTC1595 Datasheet
299Kb / 12P
   Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
Texas Instruments
Texas Instruments
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
Maxim Integrated Products
Maxim Integrated Produc...
MAX5732 MAXIM-MAX5732 Datasheet
451Kb / 26P
   32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface
Rev 4; 12/04
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz