Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5621UCB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX5621UCB
Description  16-Bit DACs with 16-Channel
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5621UCB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5621UCB Datasheet HTML 1Page - Maxim Integrated Products MAX5621UCB Datasheet HTML 2Page - Maxim Integrated Products MAX5621UCB Datasheet HTML 3Page - Maxim Integrated Products MAX5621UCB Datasheet HTML 4Page - Maxim Integrated Products MAX5621UCB Datasheet HTML 5Page - Maxim Integrated Products MAX5621UCB Datasheet HTML 6Page - Maxim Integrated Products MAX5621UCB Datasheet HTML 7Page - Maxim Integrated Products MAX5621UCB Datasheet HTML 8Page - Maxim Integrated Products MAX5621UCB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
16-Bit DACs with 16-Channel
Sample-and-Hold Outputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +10V, VSS = -4V, VLOGIC = VLDAC = VLSHA = +5V, VREF = +2.5V, AGND = DGND = VGS = 0V, RL ≥ 10MΩ, CL = 50pF,
CLKSEL = +5V, fECLK = 400kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
Sample-and-Hold Settling
(Note 4)
0.08
%
SCLK Feedthrough
0.5
nV-s
fSEQ Feedthrough
0.5
nV-s
Hold-Step
0.25
1mV
Droop Rate
VOUT_ = 0V (Note 5), TA = +25°C
1
40
mV/s
Output Noise
250
µVRMS
REFERENCE INPUT
Input Resistance
7k
Reference Input Voltage
VREF
2.5
V
GROUND-SENSE INPUT
Input Voltage Range
VGS
-0.5
+0.5
V
Input Bias Current
IGS
-0.5V
≤ VGS ≤ +0.5V
-60
0
µA
GS Gain
(Note 6)
0.998
1
1.002
V/V
DIGITAL INTERFACE DC CHARACTERISTICS
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Input Current
±1µA
TIMING CHARACTERISTICS (Figure 2)
Sequencer Clock Frequency
fSEQ
Internal oscillator
80
100
120
kHz
External Clock Frequency
fECLK
(Note 7)
480
kHz
SCLK Frequency
fSCLK
20
MHz
SCLK Pulse Width High
tCH
15
ns
SCLK Pulse Width Low
tCL
15
ns
CS Low to SCLK High Setup
Time
tCSSO
15
ns
CS High to SCLK High Setup
Time
tCSS1
15
ns
SCLK High to
CS Low Hold Time
tCSH0
10
ns


Similar Part No. - MAX5621UCB

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX5621UCB MAXIM-MAX5621UCB Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
More results

Similar Description - MAX5621UCB

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621_06 Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
Sipex Corporation
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
Linear Technology
Linear Technology
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
Analog Devices
Analog Devices
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
Linear Technology
Linear Technology
LTC1595 LINER-LTC1595 Datasheet
299Kb / 12P
   Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
Texas Instruments
Texas Instruments
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
Maxim Integrated Products
Maxim Integrated Produc...
MAX5732 MAXIM-MAX5732 Datasheet
451Kb / 26P
   32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface
Rev 4; 12/04
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz