Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5621 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part No. MAX5621
Description  16-Bit DACs with 16-Channel
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5621 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5621 Datasheet HTML 5Page - Maxim Integrated Products MAX5621 Datasheet HTML 6Page - Maxim Integrated Products MAX5621 Datasheet HTML 7Page - Maxim Integrated Products MAX5621 Datasheet HTML 8Page - Maxim Integrated Products MAX5621 Datasheet HTML 9Page - Maxim Integrated Products MAX5621 Datasheet HTML 10Page - Maxim Integrated Products MAX5621 Datasheet HTML 11Page - Maxim Integrated Products MAX5621 Datasheet HTML 12Page - Maxim Integrated Products MAX5621 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
16-Bit DACs with 16-Channel
Sample-and-Hold Outputs
_______________________________________________________________________________________
9
Detailed Description
Digital-to-Analog Converter
The MAX5621/MAX5622/MAX5623 16-bit digital-to-ana-
log converters (DACs) are composed of two matched
sections. The four MSBs are derived through 15 identi-
cal matched resistors and the lower 12 bits are derived
through a 12-bit inverted R-2R ladder.
Sample-and-Hold Amplifiers
The MAX5621/MAX5622/MAX5623 contain 16 buffered
sample/hold circuits with internal hold capacitors.
Internal hold capacitors minimize leakage current,
dielectric absorption, feedthrough, and required board
space. The MAX5621/MAX5622/MAX5623 provide a
very low 1mV/s droop rate.
Output
The MAX5621/MAX5622/MAX5623 include output buffers
on each channel. The device contains output resistors in
series with the buffer output (Figure 3) for ease of output
filtering and capacitive load driving stability.
Output loads increase the analog supply current (IDD
and ISS). Excessively loading the outputs drastically
increases power dissipation. Do not exceed the maxi-
mum power dissipation specified in the Absolute
Maximum Ratings.
The maximum output voltage range depends on the
analog supply voltages available and the output clamp
voltages (see the Output Clamp section):
The device has a fixed theoretical output range deter-
mined by the reference voltage, gain, and midscale offset.
The output voltage for a given input code is calculated
with the following:
where code is the decimal value of the DAC input
code, VREF is the reference voltage, and VGS is the
voltage at the ground-sense input. With a 2.5V refer-
ence, the nominal end points are -4.0535V and
+9.0535V (Table 1). Note that these are “virtual” inter-
nal end-point voltages and cannot be reached with all
combinations of negative and positive power-supply
voltages. The nominal, usable DAC end-point codes for
the selected power supplies can be calculated as:
Lower end-point code = 32768 - ((2.5V - (VSS+0.75) /
200µV) (result ≥ 0)
Upper end-point code = 32768 + ((VDD - 2.4 - 2.5V) /
200µV) (result ≤ 65535)
V
code
V
V
OUT
REF
GS
=
⎟ ××
×
() +
65535
5 2428
.
-
1.6214 VREF
VV
V
V
V
SS
OUT
DD
+
() ≤≤ ()
075
2 4
..
_
-
Table 1. Code Table
DAC INPUT CODE
MSB
LSB
NOMINAL OUTPUT
VOLTAGE (V)
VREF = +2.5V
1111 1111 1111 1111
9.0535
Full-scale output
1100 0111 0100 1010
6.15
Maximum output with VDD = 8.55V
1000 0000 0000 0000
2.5
Midscale output
0100 1111 0010 1100
0
VOUT_ = 0; all outputs default to this code after power-up
0010 1000 0001 1100
-2.0
Minimum output with VSS = -2.75V
0000 0000 0000 0000
-4.0535
Zero-scale output
Figure 3. Analog Block Diagram
GS
DAC
DATA
CH
OUT_
GAIN
AND
OFFSET
CHOLD
VREF
RO
ONE OF 16 SHA CHANNELS
16-BIT
DAC
RL
CL
AV = 1


Similar Part No. - MAX5621

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621 Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
MAX5621UCB MAXIM-MAX5621UCB Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
MAX5621UTK MAXIM-MAX5621UTK Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
MAX5621 MAXIM-MAX5621_06 Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
More results

Similar Description - MAX5621

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621_06 Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
Sipex Corporation
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
Linear Technology
Linear Technology
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
Analog Devices
Analog Devices
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
Linear Technology
Linear Technology
LTC1595 LINER-LTC1595 Datasheet
299Kb / 12P
   Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
Texas Instruments
Texas Instruments
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
Maxim Integrated Products
Maxim Integrated Produc...
MAX5732 MAXIM-MAX5732 Datasheet
451Kb / 26P
   32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface
Rev 4; 12/04
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz