Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5621 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part No. MAX5621
Description  16-Bit DACs with 16-Channel
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5621 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5621 Datasheet HTML 3Page - Maxim Integrated Products MAX5621 Datasheet HTML 4Page - Maxim Integrated Products MAX5621 Datasheet HTML 5Page - Maxim Integrated Products MAX5621 Datasheet HTML 6Page - Maxim Integrated Products MAX5621 Datasheet HTML 7Page - Maxim Integrated Products MAX5621 Datasheet HTML 8Page - Maxim Integrated Products MAX5621 Datasheet HTML 9Page - Maxim Integrated Products MAX5621 Datasheet HTML 10Page - Maxim Integrated Products MAX5621 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
16-Bit DACs with 16-Channel
Sample-and-Hold Outputs
_______________________________________________________________________________________
7
Pin Description
PIN
TQFP
THIN QFN
NAME
FUNCTION
1, 2, 20, 22, 24, 27, 29, 34,
36, 38, 42, 44, 50, 52, 54,
57, 59, 61
1, 2, 17, 21, 23, 25, 28, 30,
34, 36, 38, 40, 44, 46, 51,
53, 55, 57, 60, 62, 64, 68
N.C.
No Connection. Not internally connected.
3
3
GS
Ground-Sensing Input
44
VLDAC
+5V DAC Power Supply
55
RST
Reset Input
66
CS
Chip-Select Input
7
7
DIN
Serial Data Input
8
8
SCLK
Serial Clock Input
99
VLOGIC
+5V Logic Power Supply
10
10
IMMED
Immediate Update Mode
11
11
ECLK
External Sequencer Clock Input
12
12
CLKSEL
Clock-Select Input
13
13
DGND
Digital Ground
14
14
VLSHA
+5V Sample-and-Hold Power Supply
15, 25, 40, 55, 62
15, 26, 42, 58, 65
AGND
Analog Ground
16, 32, 46
16, 33, 48
VSS
Negative Power Supply
17, 39, 48
18, 41, 50
VDD
Positive Power Supply
18, 33, 49
19, 35, 52
CL
Output Clamp Low Voltage
19
20
OUT0
Output 0
21
22
OUT1
Output 1
23
24
OUT2
Output 2
26
27
OUT3
Output 3
28
29
OUT4
Output 4
30
31
OUT5
Output 5
35
37
OUT6
Output 6
37
39
OUT7
Output 7
41
43
OUT8
Output 8
43
45
OUT9
Output 9
45
47
OUT10
Output 10
31, 47, 64
32, 49, 67
CH
Output Clamp High Voltage
51
54
OUT11
Output 11
53
56
OUT12
Output 12
56
59
OUT13
Output 13
58
61
OUT14
Output 14
60
63
OUT15
Output 15
63
66
REF
Reference Voltage Input


Similar Part No. - MAX5621

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621 Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
MAX5621UCB MAXIM-MAX5621UCB Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
MAX5621UTK MAXIM-MAX5621UTK Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
MAX5621 MAXIM-MAX5621_06 Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
More results

Similar Description - MAX5621

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621_06 Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
Sipex Corporation
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
Linear Technology
Linear Technology
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
Analog Devices
Analog Devices
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
Linear Technology
Linear Technology
LTC1595 LINER-LTC1595 Datasheet
299Kb / 12P
   Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
Texas Instruments
Texas Instruments
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
Maxim Integrated Products
Maxim Integrated Produc...
MAX5732 MAXIM-MAX5732 Datasheet
451Kb / 26P
   32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface
Rev 4; 12/04
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz