Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9456801 Datasheet(PDF) 6 Page - International Rectifier

Part # 5962-9456801
Description  28V Input, Single and Dual Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

5962-9456801 Datasheet(HTML) 6 Page - International Rectifier

Back Button 5962-9456801 Datasheet HTML 2Page - International Rectifier 5962-9456801 Datasheet HTML 3Page - International Rectifier 5962-9456801 Datasheet HTML 4Page - International Rectifier 5962-9456801 Datasheet HTML 5Page - International Rectifier 5962-9456801 Datasheet HTML 6Page - International Rectifier 5962-9456801 Datasheet HTML 7Page - International Rectifier 5962-9456801 Datasheet HTML 8Page - International Rectifier 5962-9456801 Datasheet HTML 9Page - International Rectifier 5962-9456801 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
www.irf.com
AHF28XX Series
Specifications
Table III. Electrical Performance Characteristics
AHF2815S
For Notes to Specifications, refer to page 7
n
ABSOLUTE MAXIMUM RATINGS
Input Voltage
-0.5V to 50V
Soldering Temperature
300°C for 10 seconds
Case Temperature
Operating -55°C to +125°C
Storage
-65°C to +135°C
Limits
Test
Symbol
Conditions
-55°C
≤ Tc ≤ +125°C
Vin = 28 Vdc ±5%, C
L = 0
unless otherwise specified
Group A
Subgroups
Device
Types
Min
Max
Unit
Output voltage
V
OUT
I
OUT = 0
1
All
14.85
15.15
V
2,3
14.70
15.30
Output current
1
I
OUT
V
IN = 18, 28, and 40 V dc
1,2,3
All
2000
mA
Output ripple
voltage
2
V
RIP
V
IN = 18, 28, and 40 V dc,
B.W. = 20 Hz to 2 MHz
1,2,3
All
50
mV p-p
Line regulation
VR
LINE
V
IN = 18, 28, and 40 V dc,
Iout = 0, 1000, and 2000 mA
1
All
±35
mV
2,3
±75
Load regulation
VR
LOAD
V
IN = 18, 28, and 40 V dc,
I
OUT = 0, 1000, and 2000 mA
1,2,3
All
±150
mV
Input current
I
IN
I
OUT = 0, inhibit (pin 2)
tied to input return (pin 10)
1,2,3
All
18
mA
I
OUT = 0,
inhibit (pin 2) = open
50
Input ripple current
2
I
RIP
I
OUT = 2000mA,
B.W. = 20 Hz to 2 MHz
1,2,3
All
20
mA p-p
Efficiency
E
FF
I
OUT = 2000mA
1
All
80
%
2,3
77
Isolation
ISO
Input to output or any pin
to case (except pin 7) at
500 V dc Tc = +25°C
1
All
100
M
Capacitive load
3,4
C
L
No effect on dc performance,
Tc = +25°C
4
All
200
µF
Overload
5
1
All
6
Power dissipation
load fault
P
D
Short circuit
1,2,3
All
2
W
Switching frequency
F
S
I
OUT = 2000mA
4,5,6
01, 04
250
300
02, 05
250
270
kHz
03, 06
275
300


Similar Part No. - 5962-9456801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9450101QXA TI1-5962-9450101QXA Datasheet
559Kb / 15P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
5962-9450201QXA TI-5962-9450201QXA Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
logo
DATEL, Inc.
5962-9450601HXA DATEL-5962-9450601HXA Datasheet
109Kb / 1P
   Multiplexers
5962-9450601HXA DATEL-5962-9450601HXA Datasheet
156Kb / 3P
   Precision, High-Speed 8-Channel Analog Multiplexers
5962-9450601HXC DATEL-5962-9450601HXC Datasheet
109Kb / 1P
   Multiplexers
More results

Similar Description - 5962-9456801

ManufacturerPart #DatasheetDescription
logo
International Rectifier
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
   28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
M3H IRF-M3H_15 Datasheet
157Kb / 11P
   28V Input, Single/Dual Output
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
   28V Input, Triple Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
   28V Input, Triple Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com