Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62127DV18L-55BVI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62127DV18L-55BVI
Description  1M (64K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62127DV18L-55BVI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62127DV18L-55BVI Datasheet HTML 1Page - Cypress Semiconductor CY62127DV18L-55BVI Datasheet HTML 2Page - Cypress Semiconductor CY62127DV18L-55BVI Datasheet HTML 3Page - Cypress Semiconductor CY62127DV18L-55BVI Datasheet HTML 4Page - Cypress Semiconductor CY62127DV18L-55BVI Datasheet HTML 5Page - Cypress Semiconductor CY62127DV18L-55BVI Datasheet HTML 6Page - Cypress Semiconductor CY62127DV18L-55BVI Datasheet HTML 7Page - Cypress Semiconductor CY62127DV18L-55BVI Datasheet HTML 8Page - Cypress Semiconductor CY62127DV18L-55BVI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY62127DV18
MoBL2®
ADVANCE
INFORMATION
Document #: 38-05226 Rev. **
Page 5 of 13
AC Test Loads and Waveforms
Data Retention Characteristics
Data Retention Waveform[7]
Parameter
Description
Conditions
Min.
Typ.[4]
Max.
Unit
VDR
VCC for Data Retention
1
1.95
V
ICCDR
Data Retention Current
VCC = 1V, CE1 > VCC − 0.2V, CE2 <
0.2V, VIN > VCC − 0.2V or VIN < 0.2V
L1
µA
LL
TBD
tCDR
[5]
Chip Deselect to Data Reten-
tion Time
0ns
tR
[6]
Operation Recovery Time
tRC
ns
Notes:
6. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 100 µs or stable at VCC(min.) > 100 µs.
7. BHE
.
BLE is the AND of both BHE and BLE. Chip can be deselected by either disabling the chip enable signals or by disabling both BHE and BLE.
VCC Typ
VCC
UTPUT
R2
C = 30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
OUTPUT
V
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
R
TH
R1
Rise Time:
1 V/ns
Fall Time:
1 V/ns
L
Parameters
1.8V
UNIT
R 1
1350 0
R 2
1080 0
R
TH
6000
V
TH
0.80
V
VCC(min.)
VCC(min.)
tCDR
VDR > 1.0V
DATA RETENTION MODE
tR
CE1 or
VCC
BHE .BLE
CE2
or


Similar Part No. - CY62127DV18L-55BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV18L-55BVI CYPRESS-CY62127DV18L-55BVI Datasheet
223Kb / 11P
   1 Mb (64K x 16) Static RAM
More results

Similar Description - CY62127DV18L-55BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127BV CYPRESS-CY62127BV_02 Datasheet
347Kb / 11P
   1M (64K x 16) Static RAM
CY62127DV20 CYPRESS-CY62127DV20 Datasheet
221Kb / 12P
   1M (64K x 16) Static RAM
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com