Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6406PE19BR Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6406PE19BR
Description  High Current Dual Positive Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6406PE19BR Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6406PE19BR Datasheet HTML 1Page - Torex Semiconductor XC6406PE19BR Datasheet HTML 2Page - Torex Semiconductor XC6406PE19BR Datasheet HTML 3Page - Torex Semiconductor XC6406PE19BR Datasheet HTML 4Page - Torex Semiconductor XC6406PE19BR Datasheet HTML 5Page - Torex Semiconductor XC6406PE19BR Datasheet HTML 6Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
349
XC6406
Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
10
V
Output Current
IOUT1 + IOUT2
600
mA
Output Voltage
VOUT1 / 2
VSS – 0.3 ~ VIN + 0.3
V
EN Pin Voltage
VEN1 / 2
VSS – 0.3 ~ VIN + 0.3
V
SOP-8
300
Power Dissipation
SOP-8FD
Pd
300
mW
Operating Temperature Range
Topr
- 40 ~ + 85
Storage Temperature Range
Tstg
- 55 ~ + 125
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current
IDD
VIN =7V
-
20
40
μA
Input Voltage
VIN
-
-
8.0
V
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Voltage (*2)
VOUT(E)
VIN=2.8V, IOUT=40mA
1.764
1.800
VOUT(T)
1.836
V
Maximum Output Current
IOUTMAX
VIN=2.8V, VOUT≧VOUT(E) x 0.9
400
-
-
mA
Load Regulation
VOUT
VIN=2.8V, 1mA≦IOUT≦200mA
-
40
100
mV
Vdif1
IOUT=100mA
-
200
300
mV
Dropout Voltage (*3)
Vdif2
IOUT=200mA
-
400
600
MV
VOUT
Line Regulation
VIN・VOUT
2.8V≦VIN≦8.0V, IOUT=40mA
-
0.2
0.3
% / V
VOUT
Output Voltage
Temperature Range
Topr・VOUT
IOUT=40mA, -40℃≦Topr≦85℃
-
±100
-
ppm
/℃
■ABSOLUTE MAXIMUM RATINGS
Ta = 25℃
■ELECTRICAL CHARACTERISTICS
XC6406EExx
* Please connect the VIN pins No. 2 and No. 3 externally.
**Please connect the VSS pins No. 6 and No. 8 externally
VOUT(T) = 1.8V
Ta=25℃
NOTE:
*1: VOUT(T) : Specified output voltage
*2: VOUT(E) : Effective output voltage
(I.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT.)
*3: Vdif={VIN1
(*5) - VOUT1(*4) }
*4: VOUT1: A voltage equal to 98% of the output voltage whenever an amply stabilized VOUT1=IOUT{VOUT(T)+1.0V} is input.
*5: VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased.


Similar Part No. - XC6406PE19BR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6406 TOREX-XC6406 Datasheet
168Kb / 7P
   High Current Dual Positive Regulator
XC6406 TOREX-XC6406_1 Datasheet
168Kb / 7P
   High Current Dual Positive Regulator
More results

Similar Description - XC6406PE19BR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6406 TOREX-XC6406_1 Datasheet
168Kb / 7P
   High Current Dual Positive Regulator
logo
Cystech Electonics Corp...
LM78LXXA3 CYSTEKEC-LM78LXXA3 Datasheet
354Kb / 9P
   Low Current Positive Voltage Regulator
logo
Cypress Semiconductor
PL78L08XM3 CYPRESS-PL78L08XM3 Datasheet
154Kb / 4P
   Low Current Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM78L18A3 CYSTEKEC-LM78L18A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09A3 CYSTEKEC-LM78L09A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
PL78L09XM3 CYSTEKEC-PL78L09XM3 Datasheet
153Kb / 4P
   Low Current Positive Voltage Regulator
LM78L05A3 CYSTEKEC-LM78L05A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L06A3 CYSTEKEC-LM78L06A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09M3 CYSTEKEC-LM78L09M3 Datasheet
167Kb / 5P
   Low Current Positive Voltage Regulator
LM78L05AM3 CYSTEKEC-LM78L05AM3 Datasheet
126Kb / 5P
   Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com