Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD035OX1 Datasheet(PDF) 3 Page - AZ Displays

Part # PD035OX1
Description  This technical specification applies to 3.5inch color TFT-LCD panel PD035OX1.
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035OX1 Datasheet(HTML) 3 Page - AZ Displays

  PD035OX1 Datasheet HTML 1Page - AZ Displays PD035OX1 Datasheet HTML 2Page - AZ Displays PD035OX1 Datasheet HTML 3Page - AZ Displays PD035OX1 Datasheet HTML 4Page - AZ Displays PD035OX1 Datasheet HTML 5Page - AZ Displays PD035OX1 Datasheet HTML 6Page - AZ Displays PD035OX1 Datasheet HTML 7Page - AZ Displays PD035OX1 Datasheet HTML 8Page - AZ Displays PD035OX1 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
! "# $ "
%
%
#
#
! "# $ "
&'()
"
''6!2" !
.!
2.!2"6 ' 2! !2" !
"''6!
A 2 6
*
'" 6
.
'" 6 "''6!
1!& '.
(&
'.
" & .
6 2
!2 ' &2 0.!2. ?! .!9.
?"6! $ 6" '" 6 &! '6"$
*"
"
'.
!6!2
*
'" 6 0! .
#"2@6!9.
!
''
&!9! "6 =*7!
!"6 / 5:*7! '" "66 6 )B# " &
);/;;! '
&
1 6"$
''
&!
);/;;! '
&
' !
1! 0! 9 &! 2 !
; 26 2@
1!&
2 " &9" & !1
2
6 ! ! 9
"9 ) 1
!
+'/
0 " &
/)!9.
"
2." !2"6 ' 2! !2" !
!
"
2
!C
D&!"9 "6E
! 2.
! '6"$
"
>;<5:
&
2 !1
"
4;D E 5;D%E
! 2.
4: D E
55D%E
!< 6
!9 " !
6 "
6!
!
!
=:
D-E ;
D E
: D E
"2
"
! F B6"
- !9.
:5
²:
9


Similar Part No. - PD035OX1

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
More results

Similar Description - PD035OX1

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PA035XUJ AZDISPLAYS-PA035XUJ Datasheet
1Mb / 27P
   This technical specification applies to 3.5inch color TFT-LCD panel.
PA035XSL AZDISPLAYS-PA035XSL Datasheet
635Kb / 27P
   This technical specification applies to 3.5inch color TFT-LCD panel.
PA035XSE AZDISPLAYS-PA035XSE Datasheet
649Kb / 28P
   This technical specification applies to 3.5inch color TFT-LCD panel.
PA025XSC AZDISPLAYS-PA025XSC Datasheet
791Kb / 27P
   This technical specification applies to 2.5inch color TFT-LCD panel.
PA025XSB AZDISPLAYS-PA025XSB Datasheet
801Kb / 28P
   This technical specification applies to 2.5inch color TFT-LCD panel.
PD024OX4 AZDISPLAYS-PD024OX4 Datasheet
745Kb / 23P
   This technical specification applies to a 2.36inch color TFT-LCD panel.
PA080XS1 AZDISPLAYS-PA080XS1 Datasheet
402Kb / 25P
   This technical specification applies to 8 color TFT-LCD module, PA080XS1
PA050XS1 AZDISPLAYS-PA050XS1 Datasheet
695Kb / 26P
   This technical specification applies to 5inch color TFT-LCD module , PA050XS1.
PA040XS1 AZDISPLAYS-PA040XS1 Datasheet
676Kb / 25P
   This technical specification applies to 4inch color TFT-LCD module, PA040XS1
logo
AU Optronics Corp.,
T460HW03-VF AUO-T460HW03-VF Datasheet
765Kb / 30P
   This specification applies to the 46 inch Color TFT-LCD Module T460HW03 VF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com