Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDD03E60 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IDD03E60
Description  Fast Switching EmCon Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDD03E60 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IDD03E60 Datasheet HTML 1Page - Infineon Technologies AG IDD03E60 Datasheet HTML 2Page - Infineon Technologies AG IDD03E60 Datasheet HTML 3Page - Infineon Technologies AG IDD03E60 Datasheet HTML 4Page - Infineon Technologies AG IDD03E60 Datasheet HTML 5Page - Infineon Technologies AG IDD03E60 Datasheet HTML 6Page - Infineon Technologies AG IDD03E60 Datasheet HTML 7Page - Infineon Technologies AG IDD03E60 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2003-07-31
Rev.2
Page 2
IDD03E60
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Thermal resistance, junction - case
RthJC
-
-
6.5
K/W
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area 1)
RthJA
-
-
-
-
75
50
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Reverse leakage current
VR=600V, Tj=25°C
VR=600V, Tj=150°C
IR
-
-
-
-
50
250
µA
Forward voltage drop
IF=3A, Tj=25°C
IF=3A, Tj=150°C
VF
-
-
1.5
1.5
2
-
V
1Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.


Similar Part No. - IDD03E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD03E60 INFINEON-IDD03E60 Datasheet
249Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
IDD03E60G INFINEON-IDD03E60G Datasheet
483Kb / 8P
   600V Emitter Controlled technology
2013-12-05 revision:2.4
IDD03E60 INFINEON-IDD03E60_07 Datasheet
249Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
More results

Similar Description - IDD03E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD15E60 INFINEON-IDD15E60 Datasheet
187Kb / 8P
   Fast Switching EmCon Diode
2001-12-05
IDD04E120 INFINEON-IDD04E120 Datasheet
253Kb / 8P
   Fast Switching EmCon Diode
Rev.2.1 2005-02-24
IDB09E60 INFINEON-IDB09E60_07 Datasheet
208Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDB09E120 INFINEON-IDB09E120_07 Datasheet
238Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD09E60 INFINEON-IDD09E60_07 Datasheet
673Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
IDB15E60 INFINEON-IDB15E60 Datasheet
197Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB12E120 INFINEON-IDB12E120 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP45E60 INFINEON-IDP45E60 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP18E120 INFINEON-IDP18E120 Datasheet
199Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB30E120 INFINEON-IDB30E120_07 Datasheet
214Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD23E60 INFINEON-IDD23E60_07 Datasheet
743Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com