Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV033MUU90EI Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29LV033MUU90EI
Description  32 Megabit (4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV033MUU90EI Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29LV033MUU90EI Datasheet HTML 5Page - Advanced Micro Devices AM29LV033MUU90EI Datasheet HTML 6Page - Advanced Micro Devices AM29LV033MUU90EI Datasheet HTML 7Page - Advanced Micro Devices AM29LV033MUU90EI Datasheet HTML 8Page - Advanced Micro Devices AM29LV033MUU90EI Datasheet HTML 9Page - Advanced Micro Devices AM29LV033MUU90EI Datasheet HTML 10Page - Advanced Micro Devices AM29LV033MUU90EI Datasheet HTML 11Page - Advanced Micro Devices AM29LV033MUU90EI Datasheet HTML 12Page - Advanced Micro Devices AM29LV033MUU90EI Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
November 11, 2002
Am29LV033MU
9
ADV ANCE
I N FO RMAT I O N
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in volume
for this device. Consult the local AMD sales office to confirm availability of
specific valid combinations and to check on newly released combinations.
Note:
For the Am29LV033MU device, the last numeric digit in the speed option
(e.g. 90R, 101, 112, 120) is used for internal purposes only. Please use
OPNs as listed when placing orders.
Am29LV033M
U
90R
WM
I
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
E
=
40-Pin Standard Pinout Thin Small Outline Package (TS 040)
F
=
40-Pin Reverse Pinout Thin Small Outline Package (TSR040)
WC
=
48-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 9 x 8 mm package (FBC048)
SPEED OPTION
See Product Selector Guide and Valid Combinations
SECTOR ARCHITECTURE
U
=
Uniform sector device
DEVICE NUMBER/DESCRIPTION
Am29LV033MU
32 Megabit (4 M x 8-Bit) MirrorBit
 Uniform Sector Flash Memory with VersatileIO Control
3.0 Volt-only Read, Program, and Erase
Valid Combinations for
TSOP Package
Speed
(ns)
V
IO
Range
V
CC
Range
Am29LV033MU90R
EI, FI
90
3.0–3.6 V
3.0–3.6 V
Am29LV033MU101
100
2.7–3.6 V
2.7–3.6 V
Am29LV033MU112
110
1.65–3.6 V
Am29LV033MU120
120
1.65–3.6 V
Am29LV033MU101R
100
2.7–3.6 V
3.0–3.6 V
Am29LV033MU112R
110
1.65–3.6 V
Am29LV033MU120R
120
1.65–3.6 V
Valid Combinations for
Fine-Pitch BGA Package
Speed
(ns)
V
IO
Range
V
CC
Range
Order Number
Package
Marking
Am29LV033MU90R
WCI
L033MU90Q
I
90
3.0–
3.6 V
3.0–
3.6 V
Am29LV033MU101
L033MU01U
100
2.7–
3.6 V
2.7–
3.6 V
Am29LV033MU112
L033MU11U
110
1.65–
3.6 V
Am29LV033MU120
L033MU12U
120
1.65–
3.6 V
Am29LV033MU101R
L033MU01Q
100
2.7–
3.6 V
3.0–
3.6 V
Am29LV033MU112R
L033MU11Q
110
1.65–
3.6 V
Am29LV033MU120R
L033MU12Q
120
1.65–
3.6 V


Similar Part No. - AM29LV033MUU90EI

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV033MU SPANSION-AM29LV033MU Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV033MU101EI SPANSION-AM29LV033MU101EI Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV033MU101FI SPANSION-AM29LV033MU101FI Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV033MU101REI SPANSION-AM29LV033MU101REI Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV033MU101RFI SPANSION-AM29LV033MU101RFI Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results

Similar Description - AM29LV033MUU90EI

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV033MU SPANSION-AM29LV033MU_06 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV065M AMD-AM29LV065M Datasheet
499Kb / 11P
   64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV065MU AMD-AM29LV065MU Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV320MH AMD-AM29LV320MH Datasheet
1Mb / 59P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV641MH AMD-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_02 Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV320MH SPANSION-AM29LV320MH Datasheet
1Mb / 59P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640MU AMD-AM29LV640MU_07 Datasheet
1Mb / 59P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641MH SPANSION-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV640MH SPANSION-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com