Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC62HR5001PR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # HC62HR5001PR
Description  Positive Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

HC62HR5001PR Datasheet(HTML) 2 Page - Torex Semiconductor

  HC62HR5001PR Datasheet HTML 1Page - Torex Semiconductor HC62HR5001PR Datasheet HTML 2Page - Torex Semiconductor HC62HR5001PR Datasheet HTML 3Page - Torex Semiconductor HC62HR5001PR Datasheet HTML 4Page - Torex Semiconductor HC62HR5001PR Datasheet HTML 5Page - Torex Semiconductor HC62HR5001PR Datasheet HTML 6Page - Torex Semiconductor HC62HR5001PR Datasheet HTML 7Page - Torex Semiconductor HC62HR5001PR Datasheet HTML 8Page - Torex Semiconductor HC62HR5001PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
s Block Diagram
VIN
VOUT
VSS
CE
Voltage
Reference
Output
Control
Current
Limit
+
s Absolute Maximum Ratings
s Standard Circuit
Ta=25:
PARAMETER
RATINGS
UNITS
SYMBOL
Input Voltage
12
V
VIN
Output Current
500
mA
IOUT
Output Voltage
VSS-0.3 ~ VIN+0.3
V
VOUT
CE Input Voltage
VSS-0.3 ~ VIN+0.3
V
VCE
Continuous Total
Power Dissipation
150
Pd
500
mW
Pd
SOT-25
SOT-89-5
Operating Ambient Temperature
-30 ~ +80
:
Topr
Storage Temperature
-40 ~ +25
:
Tstg
Note: IOUT must be less than Pd / (VIN-VOUT).
VSS
CE
VIN
VIN
RL
CL
1
µF
(Tantalum)
CIN
1
µF
(Tantalum)
VOUT
w-45
XC62HR Series
Positive Voltage Regulators
76


Similar Part No. - HC62HR5001PR

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HC62R8 CONNOR-WINFIELD-HC62R8 Datasheet
57Kb / 1P
   TIGHT TOLERANCE 14 PIN DIP HCMOS
HC62R8R CONNOR-WINFIELD-HC62R8R Datasheet
64Kb / 1P
   HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC62RA CONNOR-WINFIELD-HC62RA Datasheet
60Kb / 1P
   14 PIN DIP 3.3V HCMOS TRI-STATE E/D
More results

Similar Description - HC62HR5001PR

ManufacturerPart #DatasheetDescription
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com