Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM100DY-12H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CM100DY-12H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM100DY-12H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CM100DY-12H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM100DY-12H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM100DY-12H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM100DY-12H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Sep.1998
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
200
02468
10
150
50
0
VGE = 20V
15
12
11
8
7
Tj = 25
oC
100
10
9
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
TRANSFER CHARACTERISTICS
(TYPICAL)
200
0
4
8
12
16
20
150
100
50
0
VCE = 10V
Tj = 25°C
Tj = 125°C
COLLECTOR-CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
5
0
50
100
150
200
4
3
2
1
0
VGE = 15V
Tj = 25°C
Tj = 125°C
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
10
0
4
8
12
16
20
8
6
4
2
0
Tj = 25°C
IC = 40A
IC = 200A
IC = 100A
0
0.8
1.6
2.4
3.2
4.0
101
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
102
103
Tj = 25°C
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
CAPACITANCE VS. VCE
(TYPICAL)
10-1
100
102
102
101
100
10-1
VGE = 0V
101
Cies
Coes
Cres
EMITTER CURRENT, IE, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT, IC, (AMPERES)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
GATE CHARGE, QG, (nC)
GATE CHARGE, VGE
20
0
100
200
300
400
16
12
8
4
0
VCC = 200V
IC = 100A
500
VCC = 300V
101
103
7
5
3
2
100
23
5 7
101
102
7
5
3
2
23
5 7
102
td(off)
VCC = 300V
VGE = ±15V
RG = 6.3
Tj = 125°C
td(on)
tf
tr
101
103
7
5
3
2
100
23
5 7
101
102
7
5
3
2
23
5 7
102
100
102
7
5
3
2
101
7
5
3
2
–di/dt = 200A/
µs
Tj = 25°C
trr
lrr
MITSUBISHI IGBT MODULES
CM100DY-12H
HIGH POWER SWITCHING USE
INSULATED TYPE


Similar Part No. - CM100DY-12H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM100DY-12H POWEREX-CM100DY-12H Datasheet
57Kb / 4P
   Dual IGBTMOD 100 Amperes/600 Volts
More results

Similar Description - CM100DY-12H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com