Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACM0801C-FN-YBW Datasheet(PDF) 1 Page - AZ Displays

Part # ACM0801C-FN-YBW
Description  STANDARD CHIP-ON-GLASS DISPLAYS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM0801C-FN-YBW Datasheet(HTML) 1 Page - AZ Displays

  ACM0801C-FN-YBW Datasheet HTML 1Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
STANDARD CHIP-ON-GLASS DISPLAYS
In a COG display, a bare IC called “gold bump”
or “flip chip” is connected to transparent traces
on the LCD glass (no PCB needed).
* - to be used without or with customer’s own backlight behind
COMPACT
: very space
economical, modules can be as thin
as 2 mm
INEXPENSIVE: cost
effective over COB & SMT modules,
especially for graphic LCD’s, because
less IC's required and no PCBs used
RELIABLE: more durable
than TAB and COF (chip-on-flex)
modules because of the weakness in
the bond area of TAB and COF.
F E A T U R E S
Format
Part Number
Outline Dimensions Viewing Area Built-In Backlight
Interface
8 x 1
ACM0801C-FN-YBW* 32.28 x 18.00 x 1.9
29.88 x 8.09
none / transflective with metal pins
16 x 2
ACM1602U-RN-GBH
65.0 x 27.7 x 1.85
61.0 x 15.7
none / reflective
with metal pins
96 x 24
AGM9624A-FN-FBW* 27.09 x 17.76 x 1.7
24.09 x 8.26
none / transflective ZIF-plugable flex
128 x 48
AGM1248A-RN-FBS
34.0 x 20.0 x 2.0
32.0 x 11.0
none / reflective
with metal pins
128 x 64
AGM1264H-RN-GTS
77.5 x 51.3 x 2.8
70.7 x 38.8
none / reflective
ZIF-plugable flex
128 x 64
AGM1264H-FN-FTW*
77.5 x 51.3 x 2.8
70.7 x 38.8
none / transflective ZIF-plugable flex
128 x 64
AGM1264H-FLW-FTW 81.5 x 53.3 x 6.8
70.7 x 38.8
LED (White)
ZIF-plugable flex
128 x 64
AGM1264K-FN-FBS*
57.6 x 42.0 x 2.0
54.6 x 32.0
none / transflective ZIF-plugable flex
128 x 64
AGM1264M-FL-FBW
74.0 x 60.0 x 7.6
65.0 x 41.0
LED (Yellow/Green) ZIF-plugable flex
240 x 160 AGM2416B-FN-FBW*
76.0 x 55.8 x 2.0
67.0 x 46.8
none / transflective solderable flex
320 x 240 AGM3224K-FN-FBD*
88.3 x 69.1 x 2.2
79.8 x 60.6
none / transflective ZIF-plugable flex


Similar Part No. - ACM0801C-FN-YBW

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM0801C AZDISPLAYS-ACM0801C Datasheet
524Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
Allied Components Inter...
ACM0801CS ALLIED-ACM0801CS Datasheet
270Kb / 1P
   COMMON MODE CHOKES Excellent EMI performance
More results

Similar Description - ACM0801C-FN-YBW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA04-11EWA KINGBRIGHT-SA04-11EWA Datasheet
162Kb / 3P
   Standard-Displays
logo
List of Unclassifed Man...
320240 ETC-320240 Datasheet
34Kb / 1P
   Chip On Glass technology
logo
Hantronix,Inc
HDG1602P-2-L00S HANTRONIX-HDG1602P-2-L00S Datasheet
44Kb / 2P
   Chip On Glass technology
HDG12864F-1 HANTRONIX-HDG12864F-1 Datasheet
26Kb / 1P
   Chip On Glass technology
logo
List of Unclassifed Man...
1602F ETC-1602F Datasheet
28Kb / 1P
   Chip On Glass technology
logo
Seiko Instruments Inc
SP521P SII-SP521P Datasheet
479Kb / 5P
   LIQUID CRYSTAL DISPLAYS(STANDARD PRODUCTS)
logo
Sanyo Semicon Device
LC74711 SANYO-LC74711 Datasheet
355Kb / 16P
   Controller LSI for On-screen Displays
logo
Newhaven Display Intern...
NHD-C12864GG-RN-GBW NEWHAVEN-NHD-C12864GG-RN-GBW Datasheet
605Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12865BR-FSW-GBW NEWHAVEN-NHD-C12865BR-FSW-GBW Datasheet
893Kb / 11P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864A1Z-FSR-FBW-HTT NEWHAVEN-NHD-C12864A1Z-FSR-FBW-HTT Datasheet
515Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com