Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM6968DCA Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM6968DCA
Description  20V Dual N-Channel MOSFET w/ESD Protected
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM6968DCA Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM6968DCA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM6968DCA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM6968DCA Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM6968DCA Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM6968DCA Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSM6968D
1-5
2003/12 rev. A
TSM6968D
20V Dual N-Channel MOSFET w/ESD Protected
VDS = 20V
RDS (on), Vgs @ 4.5V, Ids @ 6.5A =22mΩ
RDS (on), Vgs @ 2.5V, Ids @ 5.5A =29mΩ
Features
Advanced trench process technology
High density cell design for ultra low on-resistance
Excellent thermal and electrical capabilities
Specially designed for Li-ion battery packs.
Battery switch application
Ordering Information
Part No.
Packing
Package
TSM6968DCA
Tape & Reel
3,000/per reel
TSSOP-8
Block Diagram
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20V
V
Gate-Source Voltage
VGS
± 12
V
Continuous Drain Current, VGS @4.5V.
ID
6.5
A
Pulsed Drain Current, VGS @4.5V
IDM
30
A
Ta = 25
oC
1.5
Maximum Power Dissipation
Ta = 70
oC
PD
0.96
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Foot (Drain) Thermal Resistance
Rθjf
35
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
Rθja
83
oC/W
Note: Surface mounted on FR4 board t<=10sec.
Pin assignment:
1. Drain
2. Source 1
3. Source 1
4. Gate 1
5, Gate 2
6. Source 2
7, Source 2
8. Drain


Similar Part No. - TSM6968DCA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM6968DCA TSC-TSM6968DCA Datasheet
371Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
logo
VBsemi Electronics Co.,...
TSM6968DCA VBSEMI-TSM6968DCA Datasheet
1Mb / 8P
   Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM6968DCARV TSC-TSM6968DCARV Datasheet
506Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
logo
VBsemi Electronics Co.,...
TSM6968DCARV VBSEMI-TSM6968DCARV Datasheet
1Mb / 8P
   Dual N-Channel MOSFET
More results

Similar Description - TSM6968DCA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7311D TSC-TSM7311D_07 Datasheet
354Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM7900D TSC-TSM7900D_10 Datasheet
234Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6968SD TSC-TSM6968SD Datasheet
174Kb / 5P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6866D TSC-TSM6866D Datasheet
154Kb / 4P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM9426D TSC-TSM9426D Datasheet
151Kb / 4P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6970D TSC-TSM6970D Datasheet
242Kb / 4P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6968SD TSC-TSM6968SD_08 Datasheet
506Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6988D TSC-TSM6988D_08 Datasheet
491Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6968D TSC-TSM6968D_07 Datasheet
371Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM7311D TSC-TSM7311D Datasheet
176Kb / 5P
   20V Dual N-Channel MOSFET w/ESD Protected
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com