Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM4835 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4835
Description  30V P-Channel Enhancement Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4835 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM4835 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4835 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4835 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4835 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4835 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSM4835
2-5
2003/12 rev. A
Electrical Characteristics
Ta = 25
oC, unless otherwise noted
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = - 250uA
BVDSS
- 30
--
--
V
Drain-Source On-State Resistance
VGS = - 10V, ID = -9.5A
RDS(ON)
--
13
18
Drain-Source On-State Resistance
VGS = - 4.5V, ID = -7.5A
RDS(ON)
--
22
30
mΩ
Gate Threshold Voltage
VDS = VGS, ID = - 250uA
VGS(TH)
- 1
--
- 3
V
Zero Gate Voltage Drain Current
VDS = - 30V, VGS = 0V
IDSS
--
--
- 1.0
uA
Gate Body Leakage
VGS = ± 25V, VDS = 0V
IGSS
--
--
± 100
nA
Forward Transconductance
VDS = - 15V, ID = - 8A
gfs
--
22
--
S
Dynamic
VDS = - 15V, ID = - 4.6A,
VGS = - 5V
--
23
34
Total Gate Charge
Qg
--
54
60
Gate-Source Charge
Qgs
--
8.5
--
Gate-Drain Charge
VDS = - 15V, ID = - 4.6A,
VGS = - 10V
Qgd
--
10.3
--
nC
Turn-On Delay Time
td(on)
--
24
30
Turn-On Rise Time
tr
--
12
30
Turn-Off Delay Time
td(off)
--
78
120
Turn-Off Fall Time
VDD = - 15V, RL = 15Ω,
ID = - 1A, VGEN = - 10V,
RG = 6Ω
tf
--
37
80
nS
Input Capacitance
Ciss
--
2520
--
Output Capacitance
Coss
--
490
--
Reverse Transfer Capacitance
VDS = - 15V, VGS = 0V,
f = 1.0MHz
Crss
--
330
--
pF
Source-Drain Diode
Max. Diode Forward Current
IS
--
--
- 2.1
A
Diode Forward Voltage
IS = - 2.1A, VGS = 0V
VSD
--
- 0.77
- 1.2
V
Note : pulse test: pulse width <=300uS, duty cycle <=2%


Similar Part No. - TSM4835

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
177Kb / 4P
   30V P-Channel MOSFET
TSM4835CSRL TSC-TSM4835CSRL Datasheet
177Kb / 4P
   30V P-Channel MOSFET
TSM4835 TSC-TSM4835_1 Datasheet
177Kb / 4P
   30V P-Channel MOSFET
More results

Similar Description - TSM4835

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com