Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1202530087 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1202530087
Description  Contrinex Inductive Sensor, M8 Housing, 3mm Operating Distance, Embeddable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1202530087 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1202530087 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/15/2020
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1202530087
Status:
Active
Overview:
Contrinex Inductive and Photoelectric
Description:
Contrinex Inductive Sensor, M8 Housing, 3mm Operating Distance, Embeddable, PNP,
NC, 2m 3-wire PVC Cable, 35mm Housing Length
Documents:
Product Specification 1202530087-000 (PDF)
RoHS Certificate of Compliance (PDF)
Datasheet (PDF)
General
Product Family
Sensors
Series
120253
IP Rating
IP67
Overview
Contrinex Inductive and Photoelectric
Product Category
Sensors
Product Name
Contrinex
Type
Inductive
UPC
191130062577
Physical
Connection
Cable (PVC 2m, 3-wire)
Length
35mm
Material - Housing
Chrome Plated Nickel Silver
Material - Sensing Face
PBTP
Mounting Style
Embeddable
Operating Distance
3mm
Output
NC
Sensor Housing Size
M8
Temperature Range - Operating
-25° to +70°C
Electrical
Polarity
PNP
Switching Frequency
≤ 1000 Hz
Material Info
Engineering Number
DW-AD-504-M8-750
Reference - Drawing Numbers
Product Specification
1202530087-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
For more information, please visit Contact US
China ROHS
50 Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
120253 Series
This document was generated on 02/15/2020
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1202530087

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1202530080 MOLEX-1202530080 Datasheet
42Kb / 1P
   Contrinex Inductive Sensor, M30 Housing, 40mm Operating Distance, Nonembeddable
1202530081 MOLEX-1202530081 Datasheet
42Kb / 1P
   Contrinex Inductive Sensor, M30 Housing, 40mm Operating Distance, Nonembeddable
1202530082 MOLEX-1202530082 Datasheet
42Kb / 1P
   Contrinex Inductive Sensor, M30 Housing, 40mm Operating Distance, Nonembeddable
1202530083 MOLEX-1202530083 Datasheet
42Kb / 1P
   Contrinex Inductive Sensor, M30 Housing, 40mm Operating Distance, Nonembeddable
1202530084 MOLEX-1202530084 Datasheet
38Kb / 1P
   Contrinex Inductive Sensor, M8 Housing, 3mm Operating Distance, Embeddable, NPN
More results

Similar Description - 1202530087

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1202530086 MOLEX-1202530086 Datasheet
37Kb / 1P
   Contrinex Inductive Sensor, M8 Housing, 3mm Operating Distance, Embeddable
1202530084 MOLEX-1202530084 Datasheet
38Kb / 1P
   Contrinex Inductive Sensor, M8 Housing, 3mm Operating Distance, Embeddable, NPN
1202530085 MOLEX-1202530085 Datasheet
38Kb / 1P
   Contrinex Inductive Sensor, M8 Housing, 3mm Operating Distance, Embeddable, NPN
1202530207 MOLEX-1202530207 Datasheet
37Kb / 1P
   Contrinex Inductive Sensor, M8 Housing, 1.5mm Operating Distance, Embeddable
1202530209 MOLEX-1202530209 Datasheet
38Kb / 1P
   Contrinex Inductive Sensor, M8 Housing, 1.5mm Operating Distance, Embeddable
1202530200 MOLEX-1202530200 Datasheet
37Kb / 1P
   Contrinex Inductive Sensor, M8 Housing, 1.5mm Operating Distance, Embeddable
1202530203 MOLEX-1202530203 Datasheet
37Kb / 1P
   Contrinex Inductive Sensor, M8 Housing, 1.5mm Operating Distance, Embeddable
1202530204 MOLEX-1202530204 Datasheet
37Kb / 1P
   Contrinex Inductive Sensor, M8 Housing, 1.5mm Operating Distance, Embeddable
1202530202 MOLEX-1202530202 Datasheet
37Kb / 1P
   Contrinex Inductive Sensor, M8 Housing, 1.5mm Operating Distance, Embeddable
1202530205 MOLEX-1202530205 Datasheet
37Kb / 1P
   Contrinex Inductive Sensor, M8 Housing, 1.5mm Operating Distance, Embeddable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com