Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP164PG103GS Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RP164PG103GS
Description  THICK FILM CHIP RESISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RP164PG103GS Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RP164PG103GS Datasheet HTML 4Page - List of Unclassifed Manufacturers RP164PG103GS Datasheet HTML 5Page - List of Unclassifed Manufacturers RP164PG103GS Datasheet HTML 6Page - List of Unclassifed Manufacturers RP164PG103GS Datasheet HTML 7Page - List of Unclassifed Manufacturers RP164PG103GS Datasheet HTML 8Page - List of Unclassifed Manufacturers RP164PG103GS Datasheet HTML 9Page - List of Unclassifed Manufacturers RP164PG103GS Datasheet HTML 10Page - List of Unclassifed Manufacturers RP164PG103GS Datasheet HTML 11Page - List of Unclassifed Manufacturers RP164PG103GS Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
12
Coverage :
95% each termination.
Visual : No crack of termination parts and
ceramic exposure of surface by melting
After immersing in flux. dip into the 235
±5℃ molten
solder for 2
±0.5 sec
Solder : S63A(KSD 6704)
Flux : ROSIN(KSM 2951)
Flux is the composition of ROSIN and the methanol Weight
rate of ROSIN is about 25%
Solderability
Bending Test
△R :
±(0.5%+0.05Ω) of the initial value
Visual : No evidence of mechanical damage.
After soldering resistor on the
PCB, 3mm of bending shall
be applied for 10 sec.
Material of PCB : Glass Epoxy
Thickness : 1.6mm
Measure resistance during load application
Terminal Strenght
Load pull :
0.5kg
1005(1/16W), 1608(1/16W) 0.3kg
pull Direction fixed 0.4 lead
Terminal Strenght
△R :
±(1%+0.05Ω) of the initial value
Visual : No evidence of mechanical damage.
Anti-Vibration Test
△R :
±(1%+0.05Ω) of the initial value
Visual : No evidence of mechanical damage.
Immerse in molten solder at 260
±5℃ for 10±1 sec.
Preheat and soldering Procedure
2 hours each in X, Y, and Z axis(toyal 6 hours) 10 to
55 Hz sweep in 1 minute ampiltude.
Item
Specification
Test Method
CHARACTERISTICS PERFORMANCE
ELECTRICAL CHARACTERISTICS
MECHANICAL CHARACTERISTICS
T
TH
HIIC
CK
K F
FIIL
LM
M C
CH
HIIP
P R
RE
ES
SIIS
ST
TO
OR
RS
S
Direct Current
Resistance
Within the regulated resistance tolerance.
Jumper chip
50
1 R 10:+300ppm/
-200ppm/
10 R 1M:
±100ppm/℃
1M R 10M:
±300ppm/℃
△R :
±(1%+0.1Ω) of the initial value
Visual : No evidence of mechanical damage
Jumper chip :
50
Apply 2.5 times rated voltage for 5sec.
Wait 30 minutes at room temperature and measure the
resistance value.
△R :
±(3%+0.1Ω) of the initial value
Visual : No evidence of mechanical damage
Jumper chip :
50
No evidence of mechanical damage.
Apply AC 500V for 1 minute.
1005(1/16W), 1608(1/16W):Apply AC 100V for 1 minute
Over the 1000
Apply DC 500V for 1 minute.
1005(1/16W), 1608(1/16W):Apply DC 100V for 1 minute
Perform 10,000 cycles at 2.5 times RCW or the Max.
over load voltage
ON(2.5 times rated volage) : 1 sec
OFF
: 25 sec
Have stabilization time of 30 minutes without loading
and measure resistance.
Test temperature(
℃) (20) → (-55) → (20) → (125) → (20)
T.C.R(ppm/
℃) = (R-Ro)/Ro×1/(T-To) ×106
T = 20(
℃)
T = Test temperature(
℃)
Ro = Resistance at room temperature(
Ω)
R = Resistance at T(
Ω)
Applying time:within 5 sec
T.C.R(Resistance
Temperature
Characteristic)
Short-time Overload
Intermittent
Overload
Dielectric withstand-
ing Voltage
Insulation Resistance
Item
Specification
Test Method
Resistance range(
Ω)
R
100
100
R 1K
1K R 10K
10K R 100K
100K R 1M
1M R
Max test voltage(V)
0.3
1.0
3
10
25
50
Solder : S63A(SSD 6704)
Flux : The composition of ROSIN
(KSM295)25% and methanol
(KSM 1658)75%
Temperature(
℃)
Time(sec)
80 - 100
150 - 180
260 + 5
150 - 180
80 - 100
120
120
10
60
60


Similar Part No. - RP164PG103GS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RP164P SAMSUNG-RP164P Datasheet
4Mb / 20P
   Passive components sales offices
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
   THICK-FILM CHIP RESISTOR
RP164PJ122CS SAMSUNG-RP164PJ122CS Datasheet
4Mb / 20P
   Passive components sales offices
RP164PJ472CS SAMSUNG-RP164PJ472CS Datasheet
168Kb / 4P
   Arrays
More results

Similar Description - RP164PG103GS

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com