Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1202530082 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 1202530082
Description  Contrinex Inductive Sensor, M30 Housing, 40mm Operating Distance, Nonembeddable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1202530082 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1202530082 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/21/2020
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1202530082
Status:
Active
Overview:
Contrinex Inductive and Photoelectric
Description:
Contrinex Inductive Sensor, M30 Housing, 40mm Operating Distance, Non-
embeddable, PNP, NO, 4-pin M12 Connector, 73.5mm Housing Length
Documents:
Product Specification 1202530082-000 (PDF)
RoHS Certificate of Compliance (PDF)
Datasheet (PDF)
General
Product Family
Sensors
Series
120253
IP Rating
IP67
Overview
Contrinex Inductive and Photoelectric
Product Category
Sensors
Product Name
Contrinex
Type
Inductive
UPC
191130062522
Physical
Connection
Connector (M12, 4-pin)
Length
73.5mm
Material - Housing
Chrome Plated Brass
Material - Sensing Face
PBTP
Mounting Style
Non-embeddable
Operating Distance
40mm
Output
NO
Sensor Housing Size
M30
Temperature Range - Operating
-25° to +70°C
Electrical
Polarity
PNP
Switching Frequency
≤ 65 Hz
Material Info
Engineering Number
DW-AS-513-M30-002
Reference - Drawing Numbers
Product Specification
1202530082-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
For more information, please visit Contact US
China ROHS
50 Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
120253 Series
This document was generated on 02/21/2020
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn