Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM55N03CP Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM55N03CP
Description  N-Channel Enhancement Mode MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM55N03CP Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM55N03CP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM55N03CP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM55N03CP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TSM55N03
1-3
2005/04 rev. B
TSM55N03
Preliminary
N-Channel Enhancement Mode MOSFET
VDS = 25V
ID = 55A
RDS (on), Vgs @ 10V, Ids @ 30A = 6mΩ
RDS (on), Vgs @ 4.5V, Ids @ 30A = 9mΩ
Features
Advanced trench process technology
High Density Cell Design for Ultra Low On-Resistance
Improved Shoot-Through FOM
Fully Characterized Avalanche Voltage and Current
Specially Designed for DC/DC Converters and Motor
Drivers
Block Diagram
Ordering Information
Part No.
Packing
Package
TSM55N03CP
Tape & Reel
TO-252
Absolute Maximum Rating (T
A = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
25
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
55
Pulsed Drain Current
IDM
350
A
TA = 25
oC
70
W
Maximum Power Dissipation
TA = 75
oC
PD
42
W/
oC
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Single Pulse Drain to Source Avalanche Energy
(VDD = 100V, VGS=10V, IAS=2A, L=10mH, RG=25Ω)
EAS
300
mJ
Thermal Performance
Parameter
Symbol
Limit
Unit
Lead Temperature (1/8” from case)
TL
10
S
Junction-to-case Thermal Resistance
Rθjc
1.8
Junction to Ambient Thermal Resistance (PCB mounted)
Rθja
40
oC/W
Note: 1. Maximum DC current limited by the package
2. 1-in
2 2oz Cu PCB board
Pin assignment:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM55N03CP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM55N03CP TSC-TSM55N03CP Datasheet
363Kb / 6P
   25V N-Channel MOSFET
TSM55N03CPRO TSC-TSM55N03CPRO Datasheet
133Kb / 6P
   25V N-Channel MOSFET
More results

Similar Description - TSM55N03CP

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com