Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08PT16 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MC9S08PT16
Description  8-Bit S08 central processor unit (CPU)
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC9S08PT16 Datasheet(HTML) 4 Page - NXP Semiconductors

  MC9S08PT16 Datasheet HTML 1Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 2Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 3Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 4Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 5Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 6Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 7Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 8Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
1 MCU block diagram
The block diagram below shows the structure of the MCUs.
3. PTD0, PTD1, PTB4 and PTB5 can provide high sink/source current drive.
HCS08 CORE
2-CH FLEX TIMER
MODULE (
FTM0)
SYSTEM INTEGRATION
MODULE (
SIM)
POWER MANAGEMENT
WDG
1 kHz OSC
LVD
VSS
VSS
VREFH
VREFL
VDDA
VSSA
IRQ
SERIAL COMMUNICATION
INTERFACE (
SCI0)
REAL-TIME CLOCK
(
RTC)
EXTAL
XTAL
VDD4
VDD
8-BIT MODULO TIMER
(
MTIM00)
6-CH FLEX TIMER
MODULE (
FTM2)
SERIAL COMMUNICATION
INTERFACE (
SCI1)
20 MHz INTERNAL CLOCK
SOURCE (
ICS)
ANALOG-TO-DIGITAL
CONVERTER(
ADC)
12-CH 12-BIT
BDC
CPU
INTERRUPT PRIORITY
CONTROLLER(
IPC)
ON-CHIP ICE AND
DEBUG MODUE (
DBG)
ANALOG COMPARATOR
(
ACMP)
EXTERNAL OSCILLATOR
SOURCE (
XOSC)
USER EEPROM
PTA0/KBI0P0/FTM0CH0/ACMP0/ADP0
PTA1/KBI0P1/FTM0CH1/ACMP1/ADP1
PTA2/KBI0P2/RxD0/SDA1
PTA3/KBI0P3/TxD0/SCL1
PTA4/ACMPO/BKGD/MS
PTA5/IRQ/TCLK0/RESET
PTA6/FTM2FAULT1/ADP2/TSI0
PTA7/FTM2FAULT2/ADP3/TSI1
PTB0/KBI0P4/RxD0/ADP4/TSI2
PTB1/KBI0P5/TxD0/ADP5/TSI3
PTB2/KBI0P6/SPSCK0/ADP6/TSI4
PTB3/KBI0P7/MOSI0/ADP7/TSI5
PTB4/FTM2CH4/MISO0 3
PTB5/FTM2CH5/SS0 3
PTB6/SDA/XTAL
PTB7/SCL/EXTAL
PTC0/FTM2CH0/ADP8/TSI6
PTC1/FTM2CH1/ADP9/TSI7
PTC2/FTM2CH2/ADP10/TSI8
PTC3/FTM2CH3/ADP11/TSI9
PTC4/FTM0CH0/TSI10
PTC5/FTM0CH1/TSI11
PTC6/RxD1/TSI12
PTC7/TxD1/TSI13
PTE0/SPSCK0
PTE1/MOSI0
PTE2/MISO0
PTE3/BUSOUT
USER RAM
CONTROLLER (
PMC)
CYCLIC REDUNDANCY
CHECK (
CRC)
VSS
MC9S08PT16 = 2,048 bytes
MC9S08PT8 = 2,048 bytes
MC9S08PT16 = 256 bytes
MC9S08PT8 = 256 bytes
USER FLASH
MC9S08PT16 = 16,384 bytes
MC9S08PT8 = 8,192 bytes
SERIAL PERIPHERAL
INTERFACE (
SPI00)
INTER-INTEGRATED
PTD0/FTM2CH23
PTD1/FTM2CH33
PTD2/TSI14
PTD3/TSI15
PTD4
PTD5
PTD6
PTD7
PTE4/TCLK2
4. The secondary power pair of VDD and VSS (pin 11, 27 and 28 in 44-pin package) are not bonded in 32-pin, 20-pin or 16-pin packages.
KEYBOARD INTERRUPT
MODULE (
KBI00)
TOUCH SENSE
INTERFACE (
TSI)
CIRCUIT BUS (
IIC)
1. PTA2 and PTA3 operate as true-open drain when working as output.
2. PTA4/ACMPO/BKGD/MS is an output-only pin when used as port pin.
2
4
4
Figure 1. MCU block diagram
MCU block diagram
MC9S08PT16 Series Data Sheet, Rev. 4, 03/2020
4
NXP Semiconductors


Similar Part No. - MC9S08PT16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08PT16 FREESCALE-MC9S08PT16 Datasheet
595Kb / 33P
   MC9S08PT16
More results

Similar Description - MC9S08PT16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08FL16 NXP-MC9S08FL16 Datasheet
461Kb / 30P
   8-Bit S08 Central Processor Unit (CPU)
Rev. 4, 5/2015
logo
Freescale Semiconductor...
MC9S08FL16 FREESCALE-MC9S08FL16 Datasheet
632Kb / 34P
   8-Bit S08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08PL16S NXP-MC9S08PL16S Datasheet
670Kb / 30P
   8-Bit S08 central processor unit (CPU)
Rev. 2.1, 11/2019
S9S08RN60 NXP-S9S08RN60 Datasheet
687Kb / 36P
   8-Bit S08 central processor unit (CPU)
Rev. 1, 01/2014
logo
Freescale Semiconductor...
MC9S08FL8CBM FREESCALE-MC9S08FL8CBM Datasheet
443Kb / 34P
   8-Bit S08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08PB16 NXP-MC9S08PB16 Datasheet
724Kb / 32P
   8-Bit S08 central processor unit (CPU)
Rev. 2.1, 11/2019
MC9S08PA4 NXP-MC9S08PA4 Datasheet
504Kb / 29P
   8-Bit S08 central processor unit
Rev. 8, 08/2018
MC9S08PL60 NXP-MC9S08PL60 Datasheet
504Kb / 29P
   8-Bit S08 central processor unit
Rev. 1, 04/2018
MC9S08PL4 NXP-MC9S08PL4 Datasheet
471Kb / 25P
   8-Bit S08 central processor unit
Rev. 1, 04/2018
MC9S08PL16 NXP-MC9S08PL16 Datasheet
438Kb / 27P
   8-Bit S08 central processor unit
Rev. 1, 04/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com