Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC9S08PT16 Datasheet(PDF) 31 Page - NXP Semiconductors

Part No. MC9S08PT16
Description  8-Bit S08 central processor unit (CPU)
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC9S08PT16 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button MC9S08PT16 Datasheet HTML 27Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 28Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 29Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 30Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 31Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 32Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 33Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 34Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
2
6
7
MSB IN
BIT 6 . . . 1
MSB OUT
SLAVE LSB OUT
5
5
10
12
13
3
12
13
4
SLAVE
8
9
see
note
(INPUT)
(CPOL=0)
SPSCK
SPSCK
(CPOL=1)
SS
(INPUT)
(INPUT)
MOSI
(INPUT)
MISO
(OUTPUT)
NOTE: Not defined
11
LSB IN
BIT 6 . . . 1
Figure 21. SPI slave mode timing (CPHA=1)
7.5 Human-machine interfaces (HMI)
7.5.1 TSI electrical specifications
Table 19. TSI electrical specifications
Symbol
Description
Min.
Type
Max
Unit
TSI_RUNF
Fixed power consumption in run mode
100
µA
TSI_RUNV
Variable power consumption in run mode
(depends on oscillator's current selection)
1.0
128
µA
TSI_EN
Power consumption in enable mode
100
µA
TSI_DIS
Power consumption in disable mode
1.2
µA
TSI_TEN
TSI analog enable time
66
µs
TSI_CREF
TSI reference capacitor
1.0
pF
TSI_DVOLT
Voltage variation of VP & VM around nominal
values
-10
10
%
Dimensions
8.1 Obtaining package dimensions
Package dimensions are provided in package drawings.
8
Dimensions
MC9S08PT16 Series Data Sheet, Rev. 4, 03/2020
NXP Semiconductors
31


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn