Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08PT16 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MC9S08PT16
Description  8-Bit S08 central processor unit (CPU)
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC9S08PT16 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MC9S08PT16 Datasheet HTML 26Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 27Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 28Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 29Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 30Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 31Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 32Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 33Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Table 18. SPI slave mode timing (continued)
Nu
m.
Symbol
Description
Min.
Max.
Unit
Comment
4
tLag
Enable lag time
1
tBus
5
tWSPSCK
Clock (SPSCK) high or low time
tBus - 30
ns
6
tSU
Data setup time (inputs)
15
ns
7
tHI
Data hold time (inputs)
25
ns
8
ta
Slave access time
tBus
ns
Time to data active from
high-impedance state
9
tdis
Slave MISO disable time
tBus
ns
Hold time to high-
impedance state
10
tv
Data valid (after SPSCK edge)
25
ns
11
tHO
Data hold time (outputs)
0
ns
12
tRI
Rise time input
tBus - 25
ns
tFI
Fall time input
13
tRO
Rise time output
25
ns
tFO
Fall time output
2
10
6
7
MSB IN
BIT 6 . . . 1
SLAVE MSB
SLAVE LSB OUT
11
5
5
3
8
4
13
NOTE: Not defined
12
12
11
SEE
NOTE
13
9
see
note
(INPUT)
(CPOL=0)
SPSCK
SPSCK
(CPOL=1)
SS
(INPUT)
(INPUT)
MOSI
(INPUT)
MISO
(OUTPUT)
LSB IN
BIT 6 . . . 1
Figure 20. SPI slave mode timing (CPHA = 0)
Peripheral operating requirements and behaviors
MC9S08PT16 Series Data Sheet, Rev. 4, 03/2020
30
NXP Semiconductors


Similar Part No. - MC9S08PT16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08PT16 FREESCALE-MC9S08PT16 Datasheet
595Kb / 33P
   MC9S08PT16
More results

Similar Description - MC9S08PT16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08FL16 NXP-MC9S08FL16 Datasheet
461Kb / 30P
   8-Bit S08 Central Processor Unit (CPU)
Rev. 4, 5/2015
logo
Freescale Semiconductor...
MC9S08FL16 FREESCALE-MC9S08FL16 Datasheet
632Kb / 34P
   8-Bit S08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08PL16S NXP-MC9S08PL16S Datasheet
670Kb / 30P
   8-Bit S08 central processor unit (CPU)
Rev. 2.1, 11/2019
S9S08RN60 NXP-S9S08RN60 Datasheet
687Kb / 36P
   8-Bit S08 central processor unit (CPU)
Rev. 1, 01/2014
logo
Freescale Semiconductor...
MC9S08FL8CBM FREESCALE-MC9S08FL8CBM Datasheet
443Kb / 34P
   8-Bit S08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08PB16 NXP-MC9S08PB16 Datasheet
724Kb / 32P
   8-Bit S08 central processor unit (CPU)
Rev. 2.1, 11/2019
MC9S08PA4 NXP-MC9S08PA4 Datasheet
504Kb / 29P
   8-Bit S08 central processor unit
Rev. 8, 08/2018
MC9S08PL60 NXP-MC9S08PL60 Datasheet
504Kb / 29P
   8-Bit S08 central processor unit
Rev. 1, 04/2018
MC9S08PL4 NXP-MC9S08PL4 Datasheet
471Kb / 25P
   8-Bit S08 central processor unit
Rev. 1, 04/2018
MC9S08PL16 NXP-MC9S08PL16 Datasheet
438Kb / 27P
   8-Bit S08 central processor unit
Rev. 1, 04/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com