Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC9S08PT16 Datasheet(PDF) 29 Page - NXP Semiconductors

Part No. MC9S08PT16
Description  8-Bit S08 central processor unit (CPU)
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC9S08PT16 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MC9S08PT16 Datasheet HTML 25Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 26Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 27Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 28Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 29Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 30Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 31Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 32Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
(OUTPUT)
2
8
6
7
MSB IN2
LSB IN
MSB OUT2
LSB OUT
9
5
5
3
(CPOL=0)
4
11
11
10
10
SPSCK
SPSCK
(CPOL=1)
2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, ..., bit 6, MSB.
1. If configured as an output.
SS1
(OUTPUT)
(OUTPUT)
MOSI
(OUTPUT)
MISO
(INPUT)
BIT 6 . . . 1
BIT 6 . . . 1
Figure 18. SPI master mode timing (CPHA=0)
<<CLASSIFICATION>>
<<NDA MESSAGE>>
38
2
6
7
MSB IN2
BIT 6 . . . 1
MASTER MSB OUT2
MASTER LSB OUT
5
5
8
10
11
PORT DATA
PORT DATA
3
10
11
4
1.If configured as output
2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, ..., bit 6, MSB.
9
(OUTPUT)
(CPOL=0)
SPSCK
SPSCK
(CPOL=1)
SS1
(OUTPUT)
(OUTPUT)
MOSI
(OUTPUT)
MISO
(INPUT)
LSB IN
BIT 6 . . . 1
Figure 19. SPI master mode timing (CPHA=1)
Table 18. SPI slave mode timing
Nu
m.
Symbol
Description
Min.
Max.
Unit
Comment
1
fop
Frequency of operation
0
fBus/4
Hz
fBus is the bus clock as
defined in .
2
tSPSCK
SPSCK period
4 x tBus
ns
tBus = 1/fBus
3
tLead
Enable lead time
1
tBus
Table continues on the next page...
Peripheral operating requirements and behaviors
MC9S08PT16 Series Data Sheet, Rev. 4, 03/2020
NXP Semiconductors
29


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn