Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC9S08PT16 Datasheet(PDF) 26 Page - NXP Semiconductors

Part No. MC9S08PT16
Description  8-Bit S08 central processor unit (CPU)
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC9S08PT16 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button MC9S08PT16 Datasheet HTML 22Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 23Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 24Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 25Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 26Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 27Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 28Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 29Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Table 15. 12-bit ADC Characteristics (VREFH = VDDA, VREFL = VSSA)
Characteristic
Conditions
C
Symb
Min
Typ1
Max
Unit
Supply current
ADLPC = 1
ADLSMP = 1
ADCO = 1
T
IDDA
133
µA
Supply current
ADLPC = 1
ADLSMP = 0
ADCO = 1
T
IDDA
218
µA
Supply current
ADLPC = 0
ADLSMP = 1
ADCO = 1
T
IDDA
327
µA
Supply current
ADLPC = 0
ADLSMP = 0
ADCO = 1
T
IDDAD
582
990
µA
Supply current
Stop, reset, module
off
T
IDDA
0.011
1
µA
ADC asynchronous
clock source
High speed (ADLPC
= 0)
P
fADACK
2
3.3
5
MHz
Low power (ADLPC
= 1)
1.25
2
3.3
Conversion time
(including sample
time)
Short sample
(ADLSMP = 0)
T
tADC
20
ADCK
cycles
Long sample
(ADLSMP = 1)
40
Sample time
Short sample
(ADLSMP = 0)
T
tADS
3.5
ADCK
cycles
Long sample
(ADLSMP = 1)
23.5
Total unadjusted
Error2
12-bit mode
T
ETUE
±5.0
LSB3
10-bit mode
P
±1.5
±2.0
8-bit mode
P
±0.7
±1.0
Differential Non-
Linearity
12-bit mode
T
DNL
±1.0
LSB3
10-bit mode4
P
±0.25
±0.5
8-bit mode4
P
±0.15
±0.25
Integral Non-Linearity 12-bit mode
T
INL
±1.0
LSB3
10-bit mode
T
±0.3
±0.5
8-bit mode
T
±0.15
±0.25
Zero-scale error5
12-bit mode
C
EZS
±2.0
LSB3
10-bit mode
P
±0.25
±1.0
Table continues on the next page...
Peripheral operating requirements and behaviors
MC9S08PT16 Series Data Sheet, Rev. 4, 03/2020
26
NXP Semiconductors


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn