Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08PT16 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # MC9S08PT16
Description  8-Bit S08 central processor unit (CPU)
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC9S08PT16 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button MC9S08PT16 Datasheet HTML 20Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 21Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 22Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 23Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 24Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 25Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 26Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 27Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Table 13. Flash timing characteristics
C
Characteristic
Symbol
fNVMOP cycle
fNVMBUS cycle
D
Erase Verify All Blocks
tVFYALL
5050
D
Erase Verify Flash Block
tRD1BLK
4631
D
Erase Verify EEPROM Block
tRD1BLK
810
D
Erase Verify Flash Section
tRD1SEC
494
D
Erase Verify EEPROM Section
tDRD1SEC
555
D
Read Once
tRDONCE
450
D
Program Flash (2 word)
tPGM2
68
1407
D
Program Flash (4 word)
tPGM4
122
2138
D
Program Once
tPGMONCE
122
2090
D
Program EEPROM (1 Byte)
tDPGM1
47
1371
D
Program EEPROM (2 Byte)
tDPGM2
94
2120
D
Program EEPROM (3 Byte)
tDPGM3
141
2869
D
Program EEPROM (4 Byte)
tDPGM4
188
3618
D
Erase All Blocks
tERSALL
100066
5455
D
Erase Flash Block
tERSBLK
100060
4954
D
Erase Flash Sector
tERSPG
20015
878
D
Erase EEPROM Sector
tDERSPG
5015
756
D
Unsecure Flash
tUNSECU
100066
5442
D
Verify Backdoor Access Key
tVFYKEY
464
D
Set User Margin Level
tMLOADU
413
Program and erase operations do not require any special power sources other than the
normal VDD supply. For more detailed information about program/erase operations, see
the Memory section.
7.3 Analog
7.3.1 ADC characteristics
Table 14. 5 V 12-bit ADC operating conditions
Characteri
stic
Conditions
Symb
Min
Typ1
Max
Unit
Comment
Supply
voltage
Absolute
VDDA
2.7
5.5
V
Delta to VDD (VDD-VDDAD)
ΔVDDA
-100
0
+100
mV
Ground
voltage
Delta to VSS (VSS-VSSA)2
ΔVSSA
-100
0
+100
mV
Table continues on the next page...
Peripheral operating requirements and behaviors
MC9S08PT16 Series Data Sheet, Rev. 4, 03/2020
24
NXP Semiconductors


Similar Part No. - MC9S08PT16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08PT16 FREESCALE-MC9S08PT16 Datasheet
595Kb / 33P
   MC9S08PT16
More results

Similar Description - MC9S08PT16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08FL16 NXP-MC9S08FL16 Datasheet
461Kb / 30P
   8-Bit S08 Central Processor Unit (CPU)
Rev. 4, 5/2015
logo
Freescale Semiconductor...
MC9S08FL16 FREESCALE-MC9S08FL16 Datasheet
632Kb / 34P
   8-Bit S08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08PL16S NXP-MC9S08PL16S Datasheet
670Kb / 30P
   8-Bit S08 central processor unit (CPU)
Rev. 2.1, 11/2019
S9S08RN60 NXP-S9S08RN60 Datasheet
687Kb / 36P
   8-Bit S08 central processor unit (CPU)
Rev. 1, 01/2014
logo
Freescale Semiconductor...
MC9S08FL8CBM FREESCALE-MC9S08FL8CBM Datasheet
443Kb / 34P
   8-Bit S08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08PB16 NXP-MC9S08PB16 Datasheet
724Kb / 32P
   8-Bit S08 central processor unit (CPU)
Rev. 2.1, 11/2019
MC9S08PA4 NXP-MC9S08PA4 Datasheet
504Kb / 29P
   8-Bit S08 central processor unit
Rev. 8, 08/2018
MC9S08PL60 NXP-MC9S08PL60 Datasheet
504Kb / 29P
   8-Bit S08 central processor unit
Rev. 1, 04/2018
MC9S08PL4 NXP-MC9S08PL4 Datasheet
471Kb / 25P
   8-Bit S08 central processor unit
Rev. 1, 04/2018
MC9S08PL16 NXP-MC9S08PL16 Datasheet
438Kb / 27P
   8-Bit S08 central processor unit
Rev. 1, 04/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com