Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC9S08PT16 Datasheet(PDF) 21 Page - NXP Semiconductors

Part No. MC9S08PT16
Description  8-Bit S08 central processor unit (CPU)
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC9S08PT16 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MC9S08PT16 Datasheet HTML 17Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 18Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 19Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 20Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 21Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 22Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 23Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 24Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Table 10. Thermal characteristics (continued)
Rating
Symbol
Value
Unit
Junction temperature range
TJ
-40 to 125
°C
Thermal resistance single-layer board
44-pin LQFP
RθJA
76
°C/W
32-pin LQFP
RθJA
88
°C/W
20-pin SOIC
RθJA
82
°C/W
20-pin TSSOP
RθJA
116
°C/W
16-pin TSSOP
RθJA
130
°C/W
Thermal resistance four-layer board
44-pin LQFP
RθJA
54
°C/W
32-pin LQFP
RθJA
59
°C/W
20-pin SOIC
RθJA
54
°C/W
20-pin TSSOP
RθJA
76
°C/W
16-pin TSSOP
RθJA
87
°C/W
1. Maximum TA can be exceeded only if the user ensures that TJ does not exceed the maximum. The simplest method to
determine TJ is: TJ = TA + RθJA x chip power dissipation.
7 Peripheral operating requirements and behaviors
7.1 External oscillator (XOSC) and ICS characteristics
Table 11. XOSC and ICS specifications (temperature range = -40 to 105 °C ambient)
Num
C
Characteristic
Symbol
Min
Typical1
Max
Unit
1
C
Oscillator
crystal or
resonator
Low range (RANGE = 0)
flo
31.25
32.768
39.0625
kHz
C
High range (RANGE = 1)
FEE or FBE mode2
fhi
4
20
MHz
C
High range (RANGE = 1),
high gain (HGO = 1),
FBELP mode
fhi
4
20
MHz
C
High range (RANGE = 1),
low power (HGO = 0),
FBELP mode
fhi
4
20
MHz
2
D
Load capacitors
C1, C2
See Note3
3
D
Feedback
resistor
Low Frequency, Low-Power
Mode4
RF
MΩ
Low Frequency, High-Gain
Mode
10
MΩ
High Frequency, Low-
Power Mode
1
MΩ
Table continues on the next page...
Peripheral operating requirements and behaviors
MC9S08PT16 Series Data Sheet, Rev. 4, 03/2020
NXP Semiconductors
21


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn