Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC9S08PT16 Datasheet(PDF) 15 Page - NXP Semiconductors

Part No. MC9S08PT16
Description  8-Bit S08 central processor unit (CPU)
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC9S08PT16 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button MC9S08PT16 Datasheet HTML 11Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 12Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 13Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 14Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 15Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 16Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 17Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 18Page - NXP Semiconductors MC9S08PT16 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
IOL(mA)
VOL(V)
Figure 9. Typical IOL Vs. VOL (high drive strength) (VDD = 3 V)
6.1.2 Supply current characteristics
This section includes information about power supply current in various operating modes.
Table 5. Supply current characteristics
Num
C
Parameter
Symbol
Bus Freq
VDD (V)
Typical1
Max
Unit
Temp
1
C Run supply current FEI
mode, all modules on; run
from flash
RIDD
20 MHz
5
7.60
mA
-40 to 105 °C
C
10 MHz
4.65
1 MHz
1.90
C
20 MHz
3
7.05
C
10 MHz
4.40
1 MHz
1.85
2
C Run supply current FEI
mode, all modules off &
gated; run from flash
RIDD
20 MHz
5
5.88
mA
-40 to 105 °C
C
10 MHz
3.70
1 MHz
1.85
C
20 MHz
3
5.35
C
10 MHz
3.42
1 MHz
1.80
3
P Run supply current FBE
mode, all modules on; run
from RAM
RIDD
20 MHz
5
10.9
14.0
mA
-40 to 105 °C
C
10 MHz
6.10
1 MHz
1.69
Table continues on the next page...
Nonswitching electrical specifications
MC9S08PT16 Series Data Sheet, Rev. 4, 03/2020
NXP Semiconductors
15


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn